Electronic Components Datasheet Search
  English  ▼

X  

551SCMGI Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 551SCMGI
Description  Low Skew 1 to 4 Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

551SCMGI Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 551SCMGI Datasheet HTML 6Page - Renesas Technology Corp 551SCMGI Datasheet HTML 7Page - Renesas Technology Corp 551SCMGI Datasheet HTML 8Page - Renesas Technology Corp 551SCMGI Datasheet HTML 9Page - Renesas Technology Corp 551SCMGI Datasheet HTML 10Page - Renesas Technology Corp 551SCMGI Datasheet HTML 11Page - Renesas Technology Corp 551SCMGI Datasheet HTML 12Page - Renesas Technology Corp 551SCMGI Datasheet HTML 13Page - Renesas Technology Corp 551SCMGI Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
(PCB Top View, SMD Design)
TOP VIEW
A
SIDE VIEW
RECOMMENDED LAND PATTERN
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Foot length is measured at gauge plane 0.25 mm
above seating plane.
1
8
HD
HE
E
bp
e
4
5
Index Area
10°-20°
0.25
LP
Gauge Plane
c
A2
A1
A
10°-20°
Detail A
(Rotated 90° CW)
SIDE VIEW
A2
A1
A
Seating Plane
y S
L1
S
0.33
0.65
1.95
7.00
Package
Outline
4.55
1.23
© Renesas Electronics Corporation
Package Outline Drawing
Package Code: PGG8D1
8-TSSOP 4.4 x 3.0 x 1.0 mm Body, 0.65mm Pitch
PSC-4768-01, Revision: 02, Date Created: Apr 29, 2024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com