Electronic Components Datasheet Search
  English  ▼

X  

651SDCGI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 651SDCGI
Description  Low Skew 1 to 4 Clock Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

651SDCGI Datasheet(HTML) 2 Page - Renesas Technology Corp

  651SDCGI Datasheet HTML 1Page - Renesas Technology Corp 651SDCGI Datasheet HTML 2Page - Renesas Technology Corp 651SDCGI Datasheet HTML 3Page - Renesas Technology Corp 651SDCGI Datasheet HTML 4Page - Renesas Technology Corp 651SDCGI Datasheet HTML 5Page - Renesas Technology Corp 651SDCGI Datasheet HTML 6Page - Renesas Technology Corp 651SDCGI Datasheet HTML 7Page - Renesas Technology Corp 651SDCGI Datasheet HTML 8Page - Renesas Technology Corp 651SDCGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
651S DATASHEET
2
©2026 Renesas Electronics Corporation
August 14, 2026
Pin Assignment
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of 0.01F should be
connected between VDD on pin 7 and GND on pin 6, as close to the device as possible. A 33 series terminating resistor may
be used on each clock output if the trace is longer than 1 inch.
1
2
3
ICLK
4
Q1
Q2
VDD
Q3
GND
Q4
8
7
6
5
OE
8 Pi n ( 150 mi l ) SOI C
1
2
3
ICLK
4
Q1
Q2
VDD
Q3
GND
Q4
8
7
6
5
OE
8-pin DFN
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock input. Internal pull-up resistor.
2
Q1
Output
Clock output 1.
3
Q2
Output
Clock output 2.
4
Q3
Output
Clock output 3.
5
Q4
Output
Clock output 4.
6
GND
Power
Connect to ground.
7
VDD
Power
Connect +1.8V, +2.5V or +3.3V.
8
OE
Input
Output Enable. Tri-states outputs when low. Internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com