Electronic Components Datasheet Search
  English  ▼

X  

MBR2X120A045 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR2X120A045
Description  Diode Power Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR2X120A045 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR2X120A045 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR2X120A045 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2X120A045
Diode Power Module
www.iscsemi.com
1
FEATURES
· High Surge Capability
· Isolation Type Package
· Electrically Isolated Base Plate
APPLICATIONS
· DC-DC converters
· Motor drive
· Switched Mode Power Supply (SMPS)
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
45
V
IFAV
Average Forward Rectified Current, tC = 100℃
240
A
IFSM
Non-Repetitive Peak Forward Surge Current,
Half Sine Wave (Per Leg) ,tP = 8.3 ms
1500
A
VISO
Isolation voltage
2500
V
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.38
℃
/W
ELECTRICAL CHARACTERISTICS(TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Diode Forward Voltage
IF= 120A;TJ= 25℃
--
1.0
V
IF= 120A;TJ= 125℃
--
1.05
IR
Reverse Current
VR=VRRM;TJ= 25℃
--
1
mA
VR=VRRM;TJ=150℃
--
30


Similar Part No. - MBR2X120A045

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X120A045 GENESIC-MBR2X120A045 Datasheet
313Kb / 3P
Not ESD Sensitive
MBR2X120A045 GENESIC-MBR2X120A045 Datasheet
651Kb / 3P
Schottky Rectifier Module
MBR2X120A045 GENESIC-MBR2X120A045_18 Datasheet
651Kb / 3P
Schottky Rectifier Module
More results

Similar Description - MBR2X120A045

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2RI150E FUJI-2RI150E Datasheet
105Kb / 4P
POWER DIODE MODULE
2RI250E FUJI-2RI250E Datasheet
106Kb / 4P
POWER DIODE MODULE
2RI60E-060 FUJI-2RI60E-060 Datasheet
137Kb / 4P
POWER DIODE MODULE
6RI100E-060 FUJI-6RI100E-060 Datasheet
125Kb / 4P
POWER DIODE MODULE
6RI100G-120 FUJI-6RI100G-120 Datasheet
128Kb / 4P
POWER DIODE MODULE
6RI30E-060 FUJI-6RI30E-060 Datasheet
120Kb / 4P
POWER DIODE MODULE
logo
List of Unclassifed Man...
2RI250E ETC2-2RI250E Datasheet
97Kb / 2P
POWER DIODE MODULE
logo
Fuji Electric
6RI100G FUJI-6RI100G Datasheet
120Kb / 2P
POWER DIODE MODULE
2RI60E FUJI-2RI60E Datasheet
132Kb / 2P
POWER DIODE MODULE
logo
eupec GmbH
BYM300A170DN2 EUPEC-BYM300A170DN2 Datasheet
309Kb / 5P
Diode Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com