Electronic Components Datasheet Search
  English  ▼

X  

MBR30150PT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR30150PT
Description  Schottky Rectifiers Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR30150PT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR30150PT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR30150PT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifiers Diode
MBR30150PT
www.iscsemi.com
1
FEATURES
· Low power loss
· high efficiency
· High surge current capability
APPLICATIONS
· DC to DC converters
· Switching mode power supply
· Adapters
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak repetitive Reverse voltage
150
V
IF(AV)
Forward current
30
A
IFSM
Surge peak forward current 8.3ms single half sine wave
superimposed on rated load
200
A
IFRM
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
30
A
TJ
Junction temperature
150
℃
Tstg
storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance, junction-to-case
1.4
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Forward voltage(Per Leg)
IF= 30A
--
1.02
V
IR
Reverse leakage current
VR = Rated VR
--
500
uA


Similar Part No. - MBR30150PT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30150PT MCC-MBR30150PT Datasheet
420Kb / 4P
30 Amp Power Schottky Rectifier 150 Volts
logo
Taiwan Semiconductor Co...
MBR30150PT TSC-MBR30150PT Datasheet
321Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR30150PT SIRECTIFIER-MBR30150PT Datasheet
137Kb / 3P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR30150PT PANJIT-MBR30150PT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR30150PT TSC-MBR30150PT Datasheet
133Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR30150PT

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SBT1020 DIOTEC-SBT1020_07 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SBT1820 DIOTEC-SBT1820 Datasheet
121Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SBT2620 DIOTEC-SBT2620 Datasheet
115Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SBT1820 DIOTEC-SBT1820_13 Datasheet
132Kb / 2P
Schottky Barrier Rectifiers . Single Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com