Electronic Components Datasheet Search
  English  ▼

X  

MBRD320 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRD320
Description  Schottky Barrier Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRD320 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRD320 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRD320 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Rectifier Diode
MBRD320
www.iscsemi.com
V2.0
1
FEATURES
· Low forward voltage drop
· High frequency operation
· Popular D-PAK outline
APPLICATIONS
· switching power supplies
· free-wheeling diodes
· battery charging
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
20
V
IF(AV)
Average Rectified Forward Current
(TC = 125°C)
3.0
A
IFRM
Peak Repetitive Forward Current,
TC = 125℃,(Square Wave, Duty=0.5)
6.0
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load
conditions halfwave, single phase, 60
Hz)
75
A
TJ
Max.Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
6.0
℃
/W


Similar Part No. - MBRD320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD320 MOTOROLA-MBRD320 Datasheet
93Kb / 4P
SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MBRD320 ONSEMI-MBRD320 Datasheet
64Kb / 6P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 4
logo
International Rectifier
MBRD320 IRF-MBRD320 Datasheet
73Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
Schottky Rectifier, 3.0 A
06-Jun-08
logo
ON Semiconductor
MBRD320 ONSEMI-MBRD320 Datasheet
105Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
More results

Similar Description - MBRD320

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
SCHOTTKY-BARRIER RECTIFIER DIODE
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
SCHOTTKY-BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD3220S020S3R0 AVX-SD3220S020S3R0_17 Datasheet
478Kb / 7P
Schottky Barrier Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com