Electronic Components Datasheet Search
  English  ▼

X  

LT-MVSG Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LT-MVSG
Description  Mini TOPLED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT-MVSG Datasheet(HTML) 5 Page - ams-OSRAM AG

  LT-MVSG Datasheet HTML 1Page - ams-OSRAM AG LT-MVSG Datasheet HTML 2Page - ams-OSRAM AG LT-MVSG Datasheet HTML 3Page - ams-OSRAM AG LT-MVSG Datasheet HTML 4Page - ams-OSRAM AG LT-MVSG Datasheet HTML 5Page - ams-OSRAM AG LT-MVSG Datasheet HTML 6Page - ams-OSRAM AG LT-MVSG Datasheet HTML 7Page - ams-OSRAM AG LT-MVSG Datasheet HTML 8Page - ams-OSRAM AG LT-MVSG Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LT MVSG
5 Version 1.0 | 2020-03-30
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 6)
I
F = 10 mA
I
F = 10 mA
I
F = 10 mA
min.
max.
typ.
I
v
I
v
Φ
V
5A
1120 mcd
1250 mcd
3560 mlm
6A
1250 mcd
1400 mcd
3980 mlm
7A
1400 mcd
1590 mcd
4490 mlm
8A
1590 mcd
1800 mcd
5090 mlm
5B
1800 mcd
2010 mcd
5720 mlm
6B
2010 mcd
2240 mcd
6380 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 10 mA
I
F = 10 mA
min.
max.
V
F
V
F
L6
2.10 V
2.40 V
S4
2.40 V
2.60 V
W4
2.60 V
2.80 V
24
2.80 V
3.00 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 10 mA
I
F = 10 mA
min.
max.
λ
dom
λ
dom
3
519 nm
525 nm
4
525 nm
531 nm
5
531 nm
537 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com