Electronic Components Datasheet Search
  English  ▼

X  

LT-T64G Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LT-T64G
Description  TOPLED® Black
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT-T64G Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LT-T64G Datasheet HTML 2Page - ams-OSRAM AG LT-T64G Datasheet HTML 3Page - ams-OSRAM AG LT-T64G Datasheet HTML 4Page - ams-OSRAM AG LT-T64G Datasheet HTML 5Page - ams-OSRAM AG LT-T64G Datasheet HTML 6Page - ams-OSRAM AG LT-T64G Datasheet HTML 7Page - ams-OSRAM AG LT-T64G Datasheet HTML 8Page - ams-OSRAM AG LT-T64G Datasheet HTML 9Page - ams-OSRAM AG LT-T64G Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LT T64G
DATASHEET
DATASHEET
6 | Version 1.5 | 2024-12-19
Brightness Groups
Group
Partial Flux 1)
Partial Flux 1)
Luminous Intensity 6)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
E
v
E
v
I
v
FA
11200 lx
14000 lx
8180 mcd
FB
14000 lx
18000 lx
10380 mcd
GA
18000 lx
22400 lx
13110 mcd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 20 mA
I
F = 20 mA
min.
max.
V
F
V
F
N4
2.20 V
2.40 V
S4
2.40 V
2.60 V
W4
2.60 V
2.80 V
24
2.80 V
3.00 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com