Electronic Components Datasheet Search
  English  ▼

X  

SD1542-4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1542-4
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1542-4 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1542-4 Datasheet HTML 1Page - STMicroelectronics SD1542-4 Datasheet HTML 2Page - STMicroelectronics SD1542-4 Datasheet HTML 3Page - STMicroelectronics SD1542-4 Datasheet HTML 4Page - STMicroelectronics SD1542-4 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
POUT
f
= 1090 MHz
PIN
= 150 W
VCE
= 50 V
600
—
—
W
GP
f
= 1090 MHz
PIN
= 150 W
VCE
= 50 V
6.0
—
—
dB
Note:
Pulse Width
= 10µSec, Duty Cyle = 1%
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 25mA
IE
= 0mA
65
—
—
V
BVEBO
IE
= 10mA
IC
= 0mA
3.5
—
—
V
ICES
VCE
= 50V
IE
= 0mA
—
—
35
mA
hFE
VCE
= 5V
IC
= 1A
5
—
200
—
DYNAMIC
TYPICAL PERFORMANCE
POWER OUTPUT vs POWER INPUT
POWER OUTPUT vs FREQUENCY
SD1542-04
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com