Electronic Components Datasheet Search
  English  ▼

X  

LTC5532 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5532
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5532 Datasheet HTML 2Page - Linear Technology LTC5532 Datasheet HTML 3Page - Linear Technology LTC5532 Datasheet HTML 4Page - Linear Technology LTC5532 Datasheet HTML 5Page - Linear Technology LTC5532 Datasheet HTML 6Page - Linear Technology LTC5532 Datasheet HTML 7Page - Linear Technology LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology LTC5532 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT5575
6
5575f
IIP2 vs LO Input Power at 900MHz
Conversion. Gain, IIP3, NF
vs LO Input Power at 2500MHz
TYPICAL AC PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = High, TA = 25ºC, PRF = –10dBm
(–10dBm/tone for 2-tone IIP2 and IIP3 tests), fBB = 1MHz (0.9MHz and 1.1MHz for 2-tone tests), PLO = 0dBm, unless otherwise noted.
Test Circuit Shown in Figure 1 (Note 6).
LO INPUT POWER (dBm)
–15
15
20
25
5
5575 G10
10
5
0
–10
–5
0
35
30
CONV GAIN
DSB NF
IIP3
fLO = 901MHz
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
–16
–110
–90
–70
–50
–30
10
–12
–8
–4
0
5575 G11
48
–10
IM3 PRODUCT
OUTPUT POWER
fLO = 901MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
50
55
60
5
5575 G12
45
40
30
–10
–5
0
35
70
65
fLO = 901MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
0
5
10
15
20
25
30
–10
– 5
0
5
5575 G13
DSB NF
CONV. GAIN
IIP3
fLO = 1901MHz
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
–16
–110
–90
–70
–50
–30
10
–12
–8
–4
0
5575 G14
48
–10
IM3 PRODUCT
OUTPUT POWER
fLO = 1901MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
40
45
50
55
60
65
70
–10
– 5
0
5
5575 G15
fLO = 1901MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
0
5
10
15
20
25
30
–10
– 5
0
5
5575 G16
DSB NF
CONV. GAIN
IIP3
fLO = 2501MHz
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
–16
–110
–90
–70
–50
–30
10
–12
–8
–4
0
5575 G17
48
–10
IM3 PRODUCT
OUTPUT POWER
fLO = 2501MHz
–40
°C
25
°C
85
°C
LO INPUT POWER (dBm)
–15
50
55
60
5
5575 G18
45
40
30
–10
–5
0
35
70
65
fLO = 2501MHz
–40
°C
25
°C
85
°C
Conversion Gain, IIP3, NF
vs LO Input Power at 900MHz
Output Power and IM3
vs RF Input Power at 900MHz
Conversion Gain, IIP3, NF
vs LO Input Power at 1900MHz
Output Power and IM3
vs RF Input Power at 1900MHz
IIP2 vs LO Input Power
at 1900MHz
IIP2 vs LO Input Power
at 2500MHz
Output Power and IM3
vs RF Input Power at 2500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com