Electronic Components Datasheet Search
  English  ▼

X  

2305 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 2305
Description  3.3V Zero-Delay Clock Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2305 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 2305 Datasheet HTML 7Page - Renesas Technology Corp 2305 Datasheet HTML 8Page - Renesas Technology Corp 2305 Datasheet HTML 9Page - Renesas Technology Corp 2305 Datasheet HTML 10Page - Renesas Technology Corp 2305 Datasheet HTML 11Page - Renesas Technology Corp 2305 Datasheet HTML 12Page - Renesas Technology Corp 2305 Datasheet HTML 13Page - Renesas Technology Corp 2305 Datasheet HTML 14Page - Renesas Technology Corp 2305 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
R31DS0233EU0100 Rev.1.00
Page 13
Jan 7, 2025
2305 Datasheet
8. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website. The package information is the most current data available and is subject to change without revision of
this document.
9. Ordering Information
10. Revision History
Part Number
Package Description
Carrier Type
Temperature Range
2305-1DCG8[1]
1. 3000 pieces per reel in tape and reel form.
2. G = lead-free, RoHS compliant.
8-SOIC, 0.150” body, 0.050” pitch
Tape and Reel
0 to +70°C
2305-1DCG
Tray
2305-1DCGI8[1]
8-SOIC, 0.150” body, 0.050” pitch
Tape and Reel
-40 to +85°C
2305-1DCGI
Tray
2305-1HDCG8[1]
8-SOIC, 0.150” body, 0.050” pitch
Tape and Reel
0 to +70°C
2305-1HDCG
Tray
2305-1HDCGI8[1]
8-SOIC, 0.150” body, 0.050” pitch
Tape and Reel
-40 to +85°C
2305-1HDCGI
Tray
2305-1PGGI
8-TSSOP, 4.4 × 3.0 mm, 0.65mm pitch
Tray
-40 to +85°C
2305-1PGG
Tray
0 to +70°C
Revision
Date
Description
1.00
Jan 7, 2025
▪ Reformatted to the latest Renesas template.
▪ Updated Package Outline Drawings section and added links to PODs in Ordering Information.
▪ Added note for tape and reel quantity after Ordering Information.
-
Aug 16, 2012
Previous released version of datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com