Electronic Components Datasheet Search
  English  ▼

X  

PA1894271NL Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PA1894271NL
Description  THT POWER INDUCTORS Power Beads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1894271NL Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  PA1894271NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1894271NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1894271NL Datasheet HTML 3Page - Pulse A Technitrol Company PA1894271NL Datasheet HTML 4Page - Pulse A Technitrol Company PA1894271NL Datasheet HTML 5Page - Pulse A Technitrol Company PA1894271NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
THT POWER INDUCTORS
Power Beads - PA2080NL, PA1894NL,
PA2150NL and PA2125NL Series
www.pulseeng.com
6
P656.B (5/08)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners. © Copyright, 2008. Pulse Engineering, Inc. All rights reserved.
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
32667
TEL: 886 3 4643715
FAX: 886 3 4641911
Pulse China
Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
TEL: 86 21 32181071
FAX: 86 21 32181396
Pulse European
Headquarters
Einsteinstrasse 1
D-71083 Herrenberg
Germany
TEL: 49 7032 7806 0
FAX: 49 7032 7806 12
Typical Inductance vs DC Bias for PA2125.XXXNL Series
CoreLoss (W) for PA2125.XXXNL Series
Temp Rise vs Power Dissipation for PA2125.XXXNL Series
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
90
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
70
0
100
200
300
400
500
0
10
203040
50
60
Current (A)
PA2125.441NL
@ 25°C
PA2125.361NL
PA2125.331NL
PA2125.251NL
50
150
250
350
450
PA2125.281NL
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
500
1000
1500
2000
2500
DB
where DB = 0.204 * L(nH) * DI
600
kHz
500
kHz
400
kHz
300
kHz
200
kHz
0
100
200
300
400
500
0
10
203040
50
60
Current (A)
PA2125.441NL
@ 100°C
PA2125.361NL
PA2125.331NL
PA2125.251NL
50
150
250
350
450
PA2125.281NL
70



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com