Electronic Components Datasheet Search
  English  ▼

X  

LT5521 Datasheet(PDF) 10 Page - Linear Technology

Part # LT5521
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology LT5521 Datasheet HTML 12Page - Linear Technology LT5521 Datasheet HTML 13Page - Linear Technology LT5521 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT5575
10
5575f
IOUT
–
J3
IOUT
+
J4
RF
J1
QOUT
+
J5
QOUT
–
J6
LO
J2
C5
1nF
R1
100K
EN
C7
1nF
C8
0.1
µF
C9
2.2
µF
VCC
LT5575
GND
RF
GND
GND
VCC
GND
LO
GND
5575 F01
C4
(OPT)
C3
(OPT)
C1
(OPT)
C2
(OPT)
RF
GND
DC
GND
0.018"
0.018"
0.062"
C10
(OPT)
C12
(OPT)
r = 4.4
TEST CIRCUIT
REF DES
VALUE
SIZE
PART NUMBER
C5, C7
1000pF
0402
AVX 04025C102JAT
C8
0.1µF
0402
AVX 0402ZD104KAT
C9
2.2µF
3216
AVX TPSA225MO10R1800
R1
100kΩ
0402
Figure 2. Top Side of Evaluation Board
Figure 1. Evaluation Circuit Schematic
Figure 3. Bottom Side of Evaluation Board
5575 F02
5575 F03
FREQUENCY
RANGE
RF MATCH
LO MATCH
BASEBAND
C10
C12
C1-C4
LOW BAND:
800 TO 1000MHz
4.7pF
3.9pF
10pF
MID BAND:
1000 TO 1500MHz
2pF
2pF
2.2pF
HIGH BAND:
1500 TO 2700MHz
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com