Electronic Components Datasheet Search
  English  ▼

X  

IC80C54 Datasheet(PDF) 21 Page - Integrated Circuit Solution Inc

Part # IC80C54
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C54 Datasheet(HTML) 21 Page - Integrated Circuit Solution Inc

Back Button IC80C54 Datasheet HTML 14Page - Integrated Circuit Solution Inc IC80C54 Datasheet HTML 15Page - Integrated Circuit Solution Inc IC80C54 Datasheet HTML 16Page - Integrated Circuit Solution Inc IC80C54 Datasheet HTML 17Page - Integrated Circuit Solution Inc IC80C54 Datasheet HTML 18Page - Integrated Circuit Solution Inc IC80C54 Datasheet HTML 19Page - Integrated Circuit Solution Inc IC80C54 Datasheet HTML 20Page - Integrated Circuit Solution Inc IC80C54 Datasheet HTML 21Page - Integrated Circuit Solution Inc IC80C54 Datasheet HTML 22Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Integrated Circuit Solution Inc.
21
MC003-0B
IC80C54
IC80C58
ORDERING INFORMATION
Commercial Temperature: 0°C to +70°C
Speed
Order Part Number
Package
12 MHz
IC80C54/58-12PL
PLCC
IC80C54/58-12PQ
PQFP
IC80C54/58-12W
600mil DIP
24 MHz
IC80C54/58-24PL
PLCC
IC80C54/58-24PQ
PQFP
IC80C54/58-24W
600mil DIP
40 MHz
IC80C54/58-40PL
PLCC
IC80C54/58-40PQ
PQFP
IC80C54/58-40W
600mil DIP
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com