Electronic Components Datasheet Search
  English  ▼

X  

LT5560 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5560
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5560 Datasheet(HTML) 1 Page - Linear Technology

  LT5560 Datasheet HTML 1Page - Linear Technology LT5560 Datasheet HTML 2Page - Linear Technology LT5560 Datasheet HTML 3Page - Linear Technology LT5560 Datasheet HTML 4Page - Linear Technology LT5560 Datasheet HTML 5Page - Linear Technology LT5560 Datasheet HTML 6Page - Linear Technology LT5560 Datasheet HTML 7Page - Linear Technology LT5560 Datasheet HTML 8Page - Linear Technology LT5560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT5575
1
5575f
LO INPUT POWER (dBm)
–15
15
20
25
5
5575 TA01b
10
5
0
–10
–5
0
35
30
30
40
50
20
10
0
70
60
CONV
GAIN
DSB NF
IIP2
IIP3
–40
°C
25
°C
85
°C
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
800MHz to 2.7GHz
High Linearity Direct Conversion
Quadrature Demodulator
The LT®5575 is an 800MHz to 2.7GHz direct conversion
quadrature demodulator optimized for high linearity
receiver applications. It is suitable for communications
receivers where an RF signal is directly converted into I
and Q baseband signals with bandwidth up to 490MHz.
The LT5575 incorporates balanced I and Q mixers, LO
buffer amplifiers and a precision, high frequency quadrature
phase shifter. The integrated on-chip broadband transform-
ers provide 50Ω single-ended interfaces at the RF and LO
inputs. Only a few external capacitors are needed for its
application in an RF receiver system.
The high linearity of the LT5575 provides excellent spur-
free dynamic range for the receiver. This direct conversion
demodulator can eliminate the need for intermediate fre-
quency (IF) signal processing, as well as the corresponding
requirements for image filtering and IF filtering. Channel
filtering can be performed directly at the outputs of the I
and Q channels. These outputs can interface directly to
channel-select filters (LPFs) or to baseband amplifiers.
High Signal-Level I/Q Demodulator for Wireless Infrastructure
■
Input Frequency Range: 0.8GHz to 2.7GHz*
■
50Ω Single-Ended RF and LO Ports
■
High IIP3: 28dBm at 900MHz, 22.6dBm at 1.9GHz
■
High IIP2: 54.1dBm at 900MHz, 60dBm at 1.9GHz
■
Input P1dB: 13.2dBm at 900MHz
■
I/Q Gain Mismatch: 0.04dB Typical
■
I/Q Phase Mismatch: 0.4° Typical
■
Low Output DC Offsets
■
Noise Figure: 12.8dB at 900MHz, 12.7dB at 1.9GHz
■
Conversion Gain: 3dB at 900MHz, 4.2dB at 1.9GHz
■
Very Few External Components
■
Shutdown Mode
■
16-Lead QFN 4mm × 4mm Package with
Exposed Pad
■
Cellular/PCS/UMTS Infrastructure
■
RFID Reader
■
High Linearity Direct Conversion I/Q Receiver
Conversion Gain, NF, IIP3 and IIP2
vs LO Input Power at 1900MHz
BPF
+5V
VCC
BPF
RF
INPUT
RF
LPF
LT5575
IOUT
+
IOUT
–
0
°
LO
LO INPUT
EN
ENABLE
LPF
QOUT
+
QOUT
–
90
°
0
°/90°
5575 TA01
LNA
VGA
VGA
A/D
A/D
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Operation over a wider frequency range is possible with reduced performance. Consult
the factory.


Similar Part No. - LT5560

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5560 LINER-LT5560 Datasheet
450Kb / 28P
0.01MHz to 4GHz Low Power Active Mixer
logo
Analog Devices
LT5560 AD-LT5560 Datasheet
1,017Kb / 4P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1027A LOW POWER ACTIVE MIXER
11/2/05
logo
Linear Technology
LT5560EDD LINER-LT5560EDD Datasheet
450Kb / 28P
0.01MHz to 4GHz Low Power Active Mixer
LT5560 LINER-LT5560_15 Datasheet
455Kb / 28P
0.01MHz to 4GHz Low Power Active Mixer
More results

Similar Description - LT5560

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8347 AD-AD8347 Datasheet
750Kb / 20P
0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV.0
logo
Linear Technology
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
logo
Linear Technology
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com