Electronic Components Datasheet Search
  English  ▼

X  

8201250SB Datasheet(PDF) 1 Page - KNIPEX

Part # 8201250SB
Description  KNIPEX TwinGrip Front and side gripping plier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

8201250SB Datasheet(HTML) 1 Page - KNIPEX

  8201250SB Datasheet HTML 1Page - KNIPEX 8201250SB Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
82 01 250 SB
KNIPEX TwinGrip
Front and side gripping plier
● Gripping, tightening and loosening screws with worn heads and
threads
● Unique combination: Front grip and side grip function, box joint, push
button adjustment
● High-grip front jaw with robust teeth and high gear ratio at the tip of
the mouth
● Powerfully grips even large, very tight and deep-seated components
with A/F 5 – 27 mm
● Very slim pliers: work even in confined spaces, with slim turning zone
for fast screwing
● Reliable, frontal gripping of flat workpieces up to 10 mm thanks to
three-point system
● Seven-way adjustable slip joint with push button adjustment for
precise adjustment of gripping capacity
● Pinch stop reduces the risk of crushed fingers
● Durable and resilient thanks to robust box joint
General
Article No.
82 01 250 SB
EAN
4003773091011
pliers
grey atramentized
head
polished
handles
covered with non-slip plastic
Weight
361 g
Dimensions
250 x 85 x 22 mm
REACH compliant
does not contain SVHC
RoHS compliant
not applicable
Technical details
adjustment positions
7
Capacities for pipes (diameter)
Ø 1/16 – 13/64 Inch
Capacities for pipes (diameter)
Ø 5 – 27 mm
Capacities for nuts
5 – 27 mm
Capacities for nuts
13/64 – 1/16 Inch
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
27.09.2024 | page 1 from 2


Similar Part No. - 8201250SB

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
82012 POWEREX-82012 Datasheet
188Kb / 4P
Phase Control SCR (750-900 Amperes Avg 100-2200 Volts)
logo
KNIPEX
8201200 KNIPEX-8201200 Datasheet
645Kb / 4P
KNIPEX TwinGrip Slip Joint Pliers
05.07.2021
logo
Festo Corporation.
8201221 FESTO-8201221 Datasheet
67Kb / 1P
Cover kit
8201222 FESTO-8201222 Datasheet
66Kb / 1P
Cover kit
8201223 FESTO-8201223 Datasheet
62Kb / 1P
Cover kit
More results

Similar Description - 8201250SB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GM110 3M-GM110 Datasheet
37Kb / 4P
3M™ Gripping Material
Oct-2009
logo
List of Unclassifed Man...
1680222 ETC2-1680222 Datasheet
121Kb / 1P
Water Pump Plier
NL8FC ETC2-NL8FC Datasheet
52Kb / 1P
FRONT SIDE
BU-41A-0 ETC2-BU-41A-0 Datasheet
91Kb / 1P
LARGE PLIER CLIP
BU-46A-0 ETC2-BU-46A-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46A-2 ETC2-BU-46A-2 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-0 ETC2-BU-46C-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-023Z ETC2-BU-46C-023Z Datasheet
81Kb / 1P
Miniature Plier-Type Clip
logo
3M Electronics
GM630 3M-GM630 Datasheet
43Kb / 3P
Gripping Material
Oct-2011
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com