Electronic Components Datasheet Search
  English  ▼

X  

LUW-H9QP Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LUW-H9QP
Description  OSLON® Black Flat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-H9QP Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LUW-H9QP Datasheet HTML 7Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 8Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 9Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 10Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 11Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 12Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 13Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 14Page - ams-OSRAM AG LUW-H9QP Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LUW H9QP
11 Version 1.13 | 2018-11-15
Max. Permissible Forward Current
I
F = f(T)
LUWH9QP.CE
020406080100 120140
TS[°C]
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
IF[mA]
Do not use below 100 mA
: TS
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C
10-5
10-4
10-3
0.01
Pulse Time t{p} [s]
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
IF [A]
: D = 1
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 125 °C
10-5
10-4
10-3
0.01
Pulse Time tp [s]
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
IF [A]
: D = 1
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com