Electronic Components Datasheet Search
  English  ▼

X  

LB140DS07 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB140DS07
Description  140MHz Low-loss SAW Filter 7MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS07 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB140DS07 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS07 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS07 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS07
Rev. Date
2007-09-14
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz Low-loss SAW Filter
7MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS07
Typical Performance
Frequency Respond
Passband Respond
90
100
110
120
130
140
150
160
170
180
190
-95.8126
-85.8126
-75.8126
-65.8126
-55.8126
-45.8126
-35.8126
-25.8126
-15.8126
-5.8126
4.1874
Type Performance
Frequency(MHz)
3dB CF = 139.9236MHz
1dB = 6.2015MHz
3dB = 7.2185MHz
40dB = 10.8892MHz
Insert Loss = -5.8126dB
Pass band Ripple = 0.57647dB
Ultim ate Rejection = 46.3157dB
Group Delay = 74.3707ns
Phas e Linearity = 4.7894deg
Delay = 1.2356us
132
134
136
138
140
142
144
146
148
-8.3126
-7.8126
-7.3126
-6.8126
-6.3126
-5.8126
-5.3126
-4.8126
-4.3126
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2.4MHz)
Phase Linearity(f0±2.4MHz)
132
134
136
138
140
142
144
146
148
800
900
1000
1100
1200
1300
1400
1500
X: 140
Y: 1246
Type Performance
Frequency(MHz)
X: 142.4
Y: 1250
X: 137.6
Y: 1234
132
134
136
138
140
142
144
146
148
-12
-10
-8
-6
-4
-2
0
2
4
6
8
X: 142.4
Y: 1.14
Type Performance
Frequency(MHz)
X: 137.6
Y: 0.2411
X: 140
Y: 0.05204
Horizontal: 2MHz/Div
Vertical: 100ns/Div
Horizontal: 2MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com