Electronic Components Datasheet Search
  English  ▼

X  

LB171DS01 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB171DS01
Description  171.35MHz SAW Filter 8MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB171DS01 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB171DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB171DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB171DS01 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB171DS01
Rev. Date
2005-8-13
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
171.35MHz SAW Filter
8MHz Bandwidth
Part Number: LB171DS01
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
171.25
171.35
171.45
Insertion Loss
dB
12.5
14
1dB Bandwidth
MHz
7.9
8.05
3dB Bandwidth
MHz
8.9
15 dB Bandwidth
MHz
10.6
11
40 dB Bandwidth
MHz
12.24
Passband Variation
dB
0.8
1
Absolute Delay
usec
0.95
Ultimate Rejection(<150MHz,>210MHz)
dB
40
45
Material Temperature coefficient
KHz/°C
-3.0843
Ambient Temperature
°C
25
Package Size
SMP-53C
(13.3 x 6.5 mm Nominal Footprint)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=L3=47nH
C1=56pF C2=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LB171DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB171DS01 SIPAT-LB171DS01 Datasheet
156Kb / 3P
171.35MHz SAW Filter
More results

Similar Description - LB171DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07403 SIPAT-LBN07403 Datasheet
274Kb / 3P
74MHz SAW Filter 8MHz Bandwidth
LBN03602 SIPAT-LBN03602 Datasheet
138Kb / 3P
36.15MHz SAW Filter 8MHz Bandwidth
LBN03603 SIPAT-LBN03603 Datasheet
323Kb / 3P
36.1MHz SAW Filter 8MHz Bandwidth
LBT11801 SIPAT-LBT11801 Datasheet
140Kb / 3P
117.9MHz SAW Filter 8MHz Bandwidth
LBT46901 SIPAT-LBT46901 Datasheet
189Kb / 3P
470.4MHz SAW Filter 8MHz Bandwidth
LBS140A21 SIPAT-LBS140A21 Datasheet
153Kb / 3P
140MHz SAW Filter 8MHz Bandwidth
LBT25003 SIPAT-LBT25003 Datasheet
149Kb / 3P
250MHz SAW Filter 8MHz Bandwidth
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
LBN34001 SIPAT-LBN34001 Datasheet
198Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
LBT15603 SIPAT-LBT15603 Datasheet
132Kb / 3P
156.2MHz SAW Filter 8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com