Electronic Components Datasheet Search
  English  ▼

X  

CS5543 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 11Page - Cirrus Logic CS5543 Datasheet HTML 12Page - Cirrus Logic CS5543 Datasheet HTML 13Page - Cirrus Logic CS5543 Datasheet HTML 14Page - Cirrus Logic CS5543 Datasheet HTML 15Page - Cirrus Logic CS5543 Datasheet HTML 16Page - Cirrus Logic CS5543 Datasheet HTML 17Page - Cirrus Logic CS5543 Datasheet HTML 18Page - Cirrus Logic CS5543 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
CS5542 CS5543
DS109PP2
15
should be zeroed before calibrating the Input Offset
Voltage Cal step. The Input Offset Voltage Cal
mode will require 23 filter cycles (a filter cycle is
one output conversion word) to complete.
The
CS5543 will not accept new mode commands until
the 23 filter cycles have been completed, even if the
DTEST pins are changed. After the 23 filter cy-
cles, the calibration step is complete. Note that
when the Input Offset Voltage Cal command is ini-
tiated inside the CS5543 decimator, the modulators
of all of the CS5542 chips connected to the CS5543
will execute the calibration step at the same time.
There is no calibration word or register inside the
CS5543 which contains the calibration data for this
calibration step.
The next calibration to be performed is the Noise
Cal. This calibration step is necessary to calibrate
the quantizer threshold of the modulators. This en-
sures linearity in the multi-bit quantizer. The Noise
Cal lasts 409 filter cycles. Upon entering the Noise
Cal mode, the system offset registers are set to 0; all
gain registers are unaffected. The Noise Cal step
can be performed at any time and it can be per-
formed independent of the other calibration steps.
When this step is executed, all eight modulators as-
sociated with a CS5543 calibrate at the same time.
At the end of the Noise Cal step, a 24-bit calibration
word is placed into the Noise Cal register inside the
CS5543.
After the modulators have been calibrated by the
Noise Cal step, the System Offset Cal step is per-
formed. The current present at the INL (INR) input
at the time the System Offset Cal is performed will
treated as the zero point of the converter transfer
function. The System Offset Cal step lasts 1028 fil-
ter cycles. At the end of the System Offset Cal, a
signed 43-bit result is placed into two System Off-
set Cal registers (MSW and LSW; Most Significant
Word and Least Significant Word) inside the
CS5543. After the System Offset Cal is complete,
the next calibration step is a gain calibration. To
perform a gain calibration, an input signal must be
2
23
2
22
2
1
2
0
Noise Calibration Register
LSB
Parity
(Note 1)
MSB
R0
0
0
0
2
23
2
22
2
1
2
0
System Offset Registers
LSB
Parity
(Note 1)
Sign
MSW
2
21
2
20
Sign Sign
Upper 20 Bits
2
23
2
22
2
1
2
0
LSB
Parity
(Note 1)
0
LSW
2
21
2
20
Lower 22 Bits
2
2
2
1
2
-19 LSB
Gain Registers
LSB
Parity
(Note 1)
2
0
2
0
Decimal
Integer
2
-1
2
-2
Reset to Binary 000.11001100110011001000 or 199998(H)
Note 1: All Parity bits are odd.
Table 3. Calibration Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com