Electronic Components Datasheet Search
  English  ▼

X  

AD4C331 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD4C331
Description  Dual 1 Form A Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C331 Datasheet(HTML) 1 Page - Solid State Optronic

  AD4C331 Datasheet HTML 1Page - Solid State Optronic AD4C331 Datasheet HTML 2Page - Solid State Optronic AD4C331 Datasheet HTML 3Page - Solid State Optronic AD4C331 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AD4C331
Dual 1 Form A
Solid State Relay
The AD4C331 is a bi-directional, double-pole, single-throw, normally open multipurpose solid-state relay. It is designed to replace
electromechanical relays in general purpose switching applications. The relay consists of two integrated circuits, each driving a pair of
rugged source-to-source enhancement type DMOS transistors. Each integrated circuit is optically coupled to a light emitting diode. The
output MOS transistors are protected with free-wheeling diodes that can handle up to 1.5A of inrush current, making the relay ideal for
switching lamps and highly inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High input-to-output isolation
•
Low input control power consumption
•
220mA maximum continuous load current
•
10 ohms maximum on-resistance
•
Long life/high reliability
•
Telecom switching
•
Tip/Ring control
•
PCMCIA modules
•
Multiplexers
•
Meter reading systems
•
Data acquisition
•
Medical equipment
•
Battery monitoring
•
Home/Safety security systems
•
Surface Mount Option
• -S
Tape and Reel
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
BABT PENDING
•
CSA CERTIFICATE #LR111581-1
•
UL FILE #E90096
•
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Similar Part No. - AD4C331

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD4C331 SOLIDSTATE-AD4C331 Datasheet
213Kb / 5P
Low input control power consumption (2.5mA TYP)
rev 1.40
logo
Solid State Optronic
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
200mA maximum continuous load current
More results

Similar Description - AD4C331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
Dual 1 Form A Solid State Relay
17-August-01
LH1532FP VISHAY-LH1532FP Datasheet
147Kb / 7P
Dual 1 Form A Solid State Relay
26-Oct-04
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
Dual 1 Form A Solid State Relay
17-August-01
logo
Solid State Optronic
AD4C311 SSOUSA-AD4C311 Datasheet
209Kb / 5P
Dual 1 Form A Solid State Relay
AD4C211 SSOUSA-AD4C211 Datasheet
208Kb / 5P
Dual 1 Form A Solid State Relay
AD4C111-E SSOUSA-AD4C111-E Datasheet
167Kb / 4P
Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
Dual 1 Form A Solid-State Relay
25-Jul-11
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
Dual 1 Form A Solid-State Relay
12-Apr-13
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
Dual 1 Form A Solid-State Relay
05-Jul-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com