Electronic Components Datasheet Search
  English  ▼

X  

XK02 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # XK02
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK02 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button XK02 Datasheet HTML 16Page - Renesas Technology Corp XK02 Datasheet HTML 17Page - Renesas Technology Corp XK02 Datasheet HTML 18Page - Renesas Technology Corp XK02 Datasheet HTML 19Page - Renesas Technology Corp XK02 Datasheet HTML 20Page - Renesas Technology Corp XK02 Datasheet HTML 21Page - Renesas Technology Corp XK02 Datasheet HTML 22Page - Renesas Technology Corp XK02 Datasheet HTML 23Page - Renesas Technology Corp XK02 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 20
Sep 24, 2025
XK Datasheet
5. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website. The package information is the most current data available and is subject to change without revision of
this document.
6. Marking Diagram
The XK devices provide operating voltage, frequency group and date code information in the crystal top mark,
which is mounted on the top of the XK oscillator. Customer-specific configuration information is contained in a
factory-readable field stored in the part. The XK device may be configured with up to three frequencies from a
single group. Frequencies from different groups are not allowed in a single device.
Figure 21. Voltage and Frequency Group Codes and Marking Diagrams
2.5V or 3.3V
1.8V
Frequency
Group 1
S
Prefix
X
Voltage/
Frequency
Group Code
y
Year
Code
m
Month
Code
50
100
125
250
500
Frequency
Group 2
156.25
312.5
625
1250
Frequency
Group 3
161.1328125
322.265625
644.53125
Frequency
Group 4
122.88, 153.6
245.76, 307.2
491.52, 614.4
983.04
Frequency
Group 5
106.25
212.5
425
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com