Electronic Components Datasheet Search
  English  ▼

X  

XFC225 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # XFC225
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFC225 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button XFC225 Datasheet HTML 11Page - Renesas Technology Corp XFC225 Datasheet HTML 12Page - Renesas Technology Corp XFC225 Datasheet HTML 13Page - Renesas Technology Corp XFC225 Datasheet HTML 14Page - Renesas Technology Corp XFC225 Datasheet HTML 15Page - Renesas Technology Corp XFC225 Datasheet HTML 16Page - Renesas Technology Corp XFC225 Datasheet HTML 17Page - Renesas Technology Corp XFC225 Datasheet HTML 18Page - Renesas Technology Corp XFC225 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
LVDS Driver Termination
For a general LVDS interface, the recommended value for the termination impedance (ZT) is between 90Ω and 132Ω. The actual value
should be selected to match the differential impedance (Z0) of your transmission line. A typical point-to-point LVDS design uses a 100Ω
parallel resistor at the receiver and a 100Ω differential transmission-line environment. In order to avoid any transmission-line reflection
issues, the components should be surface mounted and must be placed as close to the receiver as possible. Renesas offers a full line of
LVDS compliant devices with two types of output structures: current source and voltage source.
The standard termination schematic as shown in Figure 9 can be used with either type of output structure. Figure 10, which can also be
used with both output types, is an optional termination with center tap capacitance to help filter common mode noise. The capacitor value
should be approximately 50pF. If using a non-standard termination, it is recommended to contact Renesas and confirm if the output
structure is current source or voltage source type. In addition, since these outputs are LVDS compatible, the input receiver’s amplitude
and common-mode input range should be verified for compatibility with the output.
Figure 9. Standard LVDS Termination
Figure 10. Optional LVDS Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com