Electronic Components Datasheet Search
  English  ▼

X  

DK31C4DPPDUE Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DK31C4DPPDUE
Description  • CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring 100W Power Delivery - USB Hub with 1x USB Type-C & 3x USB-A, Ethernet, Audio
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DK31C4DPPDUE Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DK31C4DPPDUE Datasheet HTML 1Page - StarTech.com Ltd. DK31C4DPPDUE Datasheet HTML 2Page - StarTech.com Ltd. DK31C4DPPDUE Datasheet HTML 3Page - StarTech.com Ltd. DK31C4DPPDUE Datasheet HTML 4Page - StarTech.com Ltd. DK31C4DPPDUE Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
This USB-C Gen 2 docking station features 4 downstream USB ports in total to connect USB peripherals.
• 1x USB-C 3.2 Gen 2 (10 Gbps 15W/3A)
• 1x USB-A 3.2 Gen 1 (5 Gbps 7.5W/1.5A)
• 2x USB-A 3.2 Gen 1 (5 Gbps 4.5W/0.9A)
Also included, is a gigabit Ethernet port with PXE Boot and WoL support, as well as 4-position TRRS stereo audio
headset/mic port.
This USB-C docking station comes with plenty of security features a K-slot for a Kensington style laptop lock and
holes to mount the dock on the desk or wall and includes a USB-IF Certified 1m USB-C cable.
USB-C dock features optimized ventilation on both ends and bottom side of dock to provide cooling support to higher
temperature thermals that can be generated by high performance video/graphics applications and multiple 4K 60Hz
video outputs.
Developed to improve performance and security, StarTech.com Connectivity Tools is the only software suite on the
market that works with a wide range of IT connectivity accessories. The software suite includes:
Advanced Windows Layout Utility: To setup and save custom windows layouts.
Mac Address Pass-Through Utility: To improve network security.
USB Event Monitoring Utility: To track and log connected USB devices
Wi-Fi Auto Switch Utility: Enabling users to quickly access faster network speeds via wired LAN.
For more information and to download the StarTech.com Connectivity Tools application, please visit:
www.StarTech.com/Connectivity-Tools
Certifications, Reports and Compatibility
Applications
Features
• QUAD MONITOR USB-C DOCK: USB Type-C docking station supports up to 4 (4K 60Hz) monitors, also supports
dual & triple display extended modes, using any combination of four DisplayPort (DP) and/or four HDMI 2.0 video



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com