Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHVSDPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT30CHVSDPD
Description  USB C Multiport Adapter - HDMI 4K 30Hz or VGA Travel Dock - 5Gbps USB 3.0 Hub (USB A / USB C Ports) - 100W Power Delivery - SD/Micro SD - GbE - 30cm Cable - USB C Mini Dock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CHVSDPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT30CHVSDPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CHVSDPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CHVSDPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CHVSDPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CHVSDPD Datasheet HTML 5Page - StarTech.com Ltd. DKT30CHVSDPD Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Windows Layout Utility: To setup and save custom windows layouts.
Mac Address Pass-Through Utility: To improve network security.
USB Event Monitoring Utility: To track and log connected USB devices
Wi-Fi Auto Switch Utility: Enabling users to quickly access faster network speeds via wired LAN.
For more information and to download the StarTech.com Connectivity Tools application, please visit:
www.StarTech.com/Connectivity-Tools
The DKT30CHVSDPD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Connects your laptop to a 4K 30Hz HDMI monitor (4096 x 2160p), or a 1080p VGA 60Hz monitor to create a
powerful workstation
• Access your multimedia content with ease, using the built-in SD card reader
• Charge your laptop and USB peripherals with USB PD 3.0 (up to 100W), and fast charging USB-A port
Features
• 9-IN-1 USB-C MULTIPORT ADAPTER: HDMI 4K 30Hz or VGA video (DP Alt Mode req); 2-Port USB-A USB 3.1
Gen 1 Hub 5Gbps including 1x BC 1.2 charge port; 1x USB-C 5Gbps port; 1x USB-C 100W PD 3.0 port; SD &
MicroSD Card Readers; Gigabit Ethernet (PXE Boot & WoL)
• EXTRA LONG CABLE: USB C mini docking station with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite x2 & laptops on riser stands
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com