Electronic Components Datasheet Search
  English  ▼

X  

HAT2202C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2202C
Description  Silicon N Channel MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2202C Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2202C Datasheet HTML 1Page - Renesas Technology Corp HAT2202C Datasheet HTML 2Page - Renesas Technology Corp HAT2202C Datasheet HTML 3Page - Renesas Technology Corp HAT2202C Datasheet HTML 4Page - Renesas Technology Corp HAT2202C Datasheet HTML 5Page - Renesas Technology Corp HAT2202C Datasheet HTML 6Page - Renesas Technology Corp HAT2202C Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HAT2202C
R07DS1179EJ0700 Rev.7.00
Page 3 of 6
Mar 19, 2014
Main Characteristics
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
1.6
1.2
0.8
0.4
0
50
100
150
200
30
10
3
1
0.3
0.1
0.1 0.3
0.03
1
3
10
30
100
20
16
12
8
4
0
24
6
8
10
20
16
12
8
4
0
12
34
5
0.03
0.01
100
1.4 V
1.6 V
Pulse Test
2.0 V
120
80
40
0
24
6
8
10
0.1
10
1
100
100
1000
10
160
3 A
1.5 A
1.8 V
2.5 V
4.5 V
VGS = 1.2 V
2.5 V
PW = 100
μs
25°C
75°C
ID = 1 A
VGS = 4.5 V
Test Condition :
When using the glass epoxy board
(FR4 40 x 40 x 1.6 mm)
Tc = –25°C
VDS = 10 V
Pulse Test
Pulse Test
Pulse Test
Ta = 25°C,1shot pulse
When using the FR4 board.
Operation in this area
is limited by R
DS(on)
PW =10
μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com