Electronic Components Datasheet Search
  English  ▼

X  

LB327DS01 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB327DS01
Description  327.5MHz SAW Filter 35MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB327DS01 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB327DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB327DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB327DS01 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB327DS01
Rev. Date
2005-6-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
4.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
327.5MHz SAW Filter
35MHz Bandwidth
Part Number: LB327DS01
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
327.5
Insertion Loss
dB
14.8
16
1 dB Bandwidth
MHz
35
38.6
3 dB Bandwidth
MHz
40.7
35 dB Bandwidth
MHz
47.4
67
Passband Variation
dB
0.6
1
Ultimate Rejection(f0±35MHz)
dB
35
40
Group Delay Variation
nsec
60
Subatrate Material
YZ
Ambient Temperature
°C
25
Package Size
SMD0705A
(7x5x1.6mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=27nH
L2=27nH
C1=10pF
C2=10pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LB327DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB327DS01 SIPAT-LB327DS01 Datasheet
152Kb / 3P
327.5MHz SAW Filter
More results

Similar Description - LB327DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB267DS01 SIPAT-LB267DS01 Datasheet
148Kb / 3P
267.5MHz SAW Filter 35MHz Bandwidth
LB297DS01 SIPAT-LB297DS01 Datasheet
146Kb / 3P
297.5MHz SAW Filter 35MHz Bandwidth
LB357DS01 SIPAT-LB357DS01 Datasheet
147Kb / 3P
357.5MHz SAW Filter 35MHz Bandwidth
LBN09604 SIPAT-LBN09604 Datasheet
289Kb / 3P
96MHz SAW Filter 35MHz Bandwidth
LBN140A56 SIPAT-LBN140A56 Datasheet
143Kb / 3P
140MHz SAW Filter 35MHz Bandwidth
LBT89803 SIPAT-LBT89803 Datasheet
175Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
LBT89805 SIPAT-LBT89805 Datasheet
179Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
LBN77601 SIPAT-LBN77601 Datasheet
297Kb / 3P
775.5MHz SAW Filter 35MHz Bandwidth
LBT89807 SIPAT-LBT89807 Datasheet
313Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
LBT94303 SIPAT-LBT94303 Datasheet
346Kb / 3P
942.5MHz SAW Filter 35MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com