Electronic Components Datasheet Search
  English  ▼

X  

LW-VH8G Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LW-VH8G
Description  FIREFLY® 0402
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-VH8G Datasheet(HTML) 2 Page - ams-OSRAM AG

  LW-VH8G Datasheet HTML 1Page - ams-OSRAM AG LW-VH8G Datasheet HTML 2Page - ams-OSRAM AG LW-VH8G Datasheet HTML 3Page - ams-OSRAM AG LW-VH8G Datasheet HTML 4Page - ams-OSRAM AG LW-VH8G Datasheet HTML 5Page - ams-OSRAM AG LW-VH8G Datasheet HTML 6Page - ams-OSRAM AG LW-VH8G Datasheet HTML 7Page - ams-OSRAM AG LW-VH8G Datasheet HTML 8Page - ams-OSRAM AG LW-VH8G Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LW VH8G
DATASHEET
DATASHEET
2 | Version 1.9 | 2023-02-07
FIREFLY® 0402
LW VH8G
The FIREFLY is designed for use in mobile communication
applications. Due to its low height and optical characteristics it
is optimized for flat backlighting of keypads.
Applications
- Access Control & Security
- Appliances & Tools
- Display Backlighting
- Factory Automation
- Home & Building Automation
- Material Processing
- Projection & Display
- Robotics
Features
- Package: SMT package, standard SMT footprint 0402, colored diffused resin
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 105° (horizontal), 165° (vertical)
- Color: Cx = 0.285, Cy = 0.275 acc. to CIE 1931 (● white)
- Optical efficacy: 35 lm/W
- Corrosion Robustness Class: 3B
- ESD: 1 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com