Electronic Components Datasheet Search
  English  ▼

X  

MS6864 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6864
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6864 Datasheet HTML 7Page - MOSA ELECTRONICS MS6864 Datasheet HTML 8Page - MOSA ELECTRONICS MS6864 Datasheet HTML 9Page - MOSA ELECTRONICS MS6864 Datasheet HTML 10Page - MOSA ELECTRONICS MS6864 Datasheet HTML 11Page - MOSA ELECTRONICS MS6864 Datasheet HTML 12Page - MOSA ELECTRONICS MS6864 Datasheet HTML 13Page - MOSA ELECTRONICS MS6864 Datasheet HTML 14Page - MOSA ELECTRONICS MS6864 Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 1.0
11
www.mosanalog.com
I
2C Initial code and status
MSB
LSB
Function
Initial status
0
0
1
1
1
1
1
1
L-ch, Attenuation and Mute
Mute On
0
1
1
1
1
1
1
1
R-ch, Attenuation and Mute
Mute On
1
0
0
0
0
0
0
0
L-ch, Input Gain
0dB
1
0
1
0
0
0
0
0
R-ch, Input Gain
0dB
1
1
0
1
1
1
1
1
Power Down Mode
All devices are
power down
1
1
1
0
0
0
0
0
Output mode (SE/BTL)
BTL
I
2C CODE EXAMPLE
Input gain
Set the left channel gain to be 3dB and the right channel gain to be 3dB
ACK
Start
MS6864 Address
ACK
1
0
0
0
0
0
0
1
L-ch, G = 3dB
ACK
R-ch, G = 3dB
1
0
1
0
0
0
0
1
Stop
Gain
The left and right input channels are independent.
Input Attenuation
Set the left channel to be -15dB and the right channel to be -30dB
ACK
Start
MS6864 Address
ACK
0
0
0
0
0
0
1
1
L-ch, Att = -15dB
ACK
R-ch, Att = -30dB
0
1
0
1
0
0
1
0
Stop
-10dB
-5dB
-30dB
0dB
Power down mode
Set the L-ch PA output to be active mode.
ACK
Start
MS6864 Address
ACK
1
1
0
1
1
1
1
0
Left PA is active mode
Stop
L-ch
Output mode
Set the output mode to be BTL mode
ACK
Start
MS6864 Address
ACK
1
1
1
0
0
0
0
0
BTL mode
Stop
Output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com