Electronic Components Datasheet Search
  English  ▼

X  

GL41A Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # GL41A
Description  SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

GL41A Datasheet(HTML) 1 Page - VoltarisTech Inc

  GL41A Datasheet HTML 1Page - VoltarisTech Inc GL41A Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GL41A THRU GL41M
SINTERED GLASS JUNCTION
SURFACE MOUNTED RECTIFIER
VOLTAGE: 50 TO 1000V
CURRENT: 1.0A
FEATURE
MELF
High temperature metallurgi cally bonded construction
Sintered glass cavity-free junction
Case over-molded with UL-94 class V-0 flame
Retardant epoxy
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
450ºC/5sec/at terminal
Operate at Ta =55ºC with no thermal run away
Typical Ir<0.1
µA
1st band denotes type and polarity
2cnd band denotes voltage type
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: Two bands indicates cathode
(1st band denotes device type and
2nd band denotes voltage type)
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25ºC, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
GL
41A
GL
41B
GL
41D
GL
41G
GL
41J
GL
41K
GL
41M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =75
ºC
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Instantaneous Forward Voltage at 1.0A
Vf
1.1
1.2
V
Maximum full load reverse current full cycle
average at Ta =75
ºC
Ir(av)
30.0
µA
Maximum DC Reverse Current
Ta =25
ºC
at rated DC blocking voltage
Ta =125
ºC
Ir
5.0
50.0
µA
µA
Typical Junction Capacitance
(Note 1)
Cj
8.0
pF
Typical Thermal Resistance
(Note 2)
R(ja)
75.0
ºC /W
Storage and Operating Junction Temperature
Tst, Tj
-65 to +175
ºC
Polarity Color Band (2nd Band)
Gray
Red
Orange
Yellow
Green
Blue
Violet
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient 6.0mm
2 copper pad to each terminal
Rev.A4, 1-Jul-03
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - GL41A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41A GE-GL41A Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GL41A FCI-GL41A Datasheet
136Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
Galaxy Semi-Conductor H...
GL41A BILIN-GL41A Datasheet
185Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
GL41A VISHAY-GL41A Datasheet
112Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
07-Apr-08
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
More results

Similar Description - GL41A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Gulf Semiconductor
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SBYT42M GULFSEMI-SBYT42M Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE: 1000V CURRENT: 1.25A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
logo
Zowie Technology Corpor...
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com