Electronic Components Datasheet Search
  English  ▼

X  

SD1730 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1730
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1730 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1730 Datasheet HTML 1Page - STMicroelectronics SD1730 Datasheet HTML 2Page - STMicroelectronics SD1730 Datasheet HTML 3Page - STMicroelectronics SD1730 Datasheet HTML 4Page - STMicroelectronics SD1730 Datasheet HTML 5Page - STMicroelectronics SD1730 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HF SSB APPLICATIONS
RF & MICROWAVE TRANSISTORS
.500 4 LFL (M174)
epoxy sealed
.
OPTIMIZED FOR SSB
.
30 MHz
.
28 VOLTS
.
IMD
−30dB
.
EFFICIENCY 40%
.
COMMON EMITTER
.
GOLD METALLIZATION
.
POUT
= 220 W PEP WITH 12 dB GAIN
DESCRIPTION
The SD1730 is a 28 V epitaxial silicon NPN planar
transistor designed primarily for SSB and VHF
communications. The devices utlizes emitter bal-
lasting for improved ruggedness and reliability.
PIN CONNECTION
BRANDING
TH560
ORDER CODE
SD1730
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
70
V
VCEO
Collector-Emitter Voltage
35
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
16
A
PDISS
Power Dissipation
320
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.6
°C/W
SD1730 (TH560)
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
September 7, 1994
1/6


Similar Part No. - SD1730

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1731 STMICROELECTRONICS-SD1731 Datasheet
81Kb / 7P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
10-Jul-1995
logo
List of Unclassifed Man...
SD1731 ETC1-SD1731 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD1731 STMICROELECTRONICS-SD1731 Datasheet
364Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
08-Jun-2004
SD1731-14 STMICROELECTRONICS-SD1731-14 Datasheet
58Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
rev. C
SD1731 STMICROELECTRONICS-SD1731_04 Datasheet
364Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
08-Jun-2004
More results

Similar Description - SD1730

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
logo
New Jersey Semi-Conduct...
SD1487 NJSEMI-SD1487 Datasheet
77Kb / 2P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com