Electronic Components Datasheet Search
  English  ▼

X  

TDA7564B Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7564B
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7564B Datasheet HTML 5Page - STMicroelectronics TDA7564B Datasheet HTML 6Page - STMicroelectronics TDA7564B Datasheet HTML 7Page - STMicroelectronics TDA7564B Datasheet HTML 8Page - STMicroelectronics TDA7564B Datasheet HTML 9Page - STMicroelectronics TDA7564B Datasheet HTML 10Page - STMicroelectronics TDA7564B Datasheet HTML 11Page - STMicroelectronics TDA7564B Datasheet HTML 12Page - STMicroelectronics TDA7564B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TDA7564B
Electrical specifications
9/34
PO
Output power
RL = 2Ω; EIAJ (VS = 13.7V)
RL = 2Ω; THD 10%
RL = 2Ω; THD 1%
RL = 2Ω; MAX POWER
55
40
32
60
68
50
40
75
W
W
W
W
THD
Total harmonic distortion
PO = 1W to 10W; STD MODE
HE MODE; PO = 1.5W
HE MODE; PO = 8W
0.02
0.015
0.15
0.1
0.1
0.5
%
%
%
GV = 12dB; STD Mode
VO = 0.1 to 5VRMS
0.02
0.05
%
CT
Cross talk
f = 1KHz to 10KHz, Rg = 600Ω
50
60
dB
RIN
Input impedance
60
100
130
K
Ω
GV1
Voltage gain 1
25
26
27
dB
ΔG
V1
Voltage gain match 1
-1
1
dB
GV2
Voltage gain 2
11
12
13
dB
ΔG
V2
Voltage gain match 2
-1
1
dB
EIN1
Output noise voltage 1
Rg = 600Ω 20Hz to 22kHz
35
100
µV
EIN2
Output noise voltage 2
Rg = 600Ω; GV = 12dB
20Hz to 22kHz
12
30
µV
SVR
Supply Voltage Rejection
f = 100Hz to 10kHz; Vr = 1Vpk;
Rg = 600Ω
50
60
dB
BW
Power bandwidth
100
KHz
ASB
Stand-by attenuation
90
110
dB
ISB
Stand-by current
Vst-by = 0
25
50
µA
AM
Mute attenuation
80
100
dB
VOS
Offset voltage
Mute & Play
-100
0
100
mV
VAM
Min. supply mute threshold
6.5
7
8
V
CMRR
Input CMRR
VCM = 1Vpk-pk; Rg = 0 Ω
55
dB
TON
Turn ON Delay
D2/D1 (IB1) 0 to 1
20
40
ms
TOFF
Turn OFF Delay
D2/D1 (IB1) 1 to 0
20
40
ms
CDLK
Clip det high leakage current
CD off
0
5
μA
CDSAT
Clip det sat. voltage
CD on; ICD = 1mA
150
300
mV
CDTHD
Clip det THD level
D0 (IB1) = 1
5
10
15
%
D0 (IB1) = 0
1
2
3
%
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com