Electronic Components Datasheet Search
  English  ▼

X  

RF600D Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # RF600D
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600D Datasheet(HTML) 3 Page - rfsolutions.ltd

  RF600D Datasheet HTML 1Page - rfsolutions.ltd RF600D Datasheet HTML 2Page - rfsolutions.ltd RF600D Datasheet HTML 3Page - rfsolutions.ltd RF600D Datasheet HTML 4Page - rfsolutions.ltd RF600D Datasheet HTML 5Page - rfsolutions.ltd RF600D Datasheet HTML 6Page - rfsolutions.ltd RF600D Datasheet HTML 7Page - rfsolutions.ltd RF600D Datasheet HTML 8Page - rfsolutions.ltd RF600D Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
Pin Descriptions
Name
Pin
Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2
S3
4
Switch input 3
Vss
5
Ground reference connection
OP
6
Data output
LED
7
Cathode connection for directly
driving LED during transmission
Vcc
8
Positive supply voltage connection
S0-3
These are the switch inputs which when operated wake up the RF600E and cause transmission. They
may be switched directly to Vcc. Transmission occurs for the duration of the switch operation.
Vcc / Vss
The power supply needs to be a stable regulated voltage with <10mV ripple. Note that in idle mode the
transmitter current drain is typically only 100nA.
OP
Data Output, this is a standard CMOS / TTL output that may be connected directly to the data input pin of
the RF Module. In the event that this represents a load to Vcc then a buffer stage between the data output
and the RF module will be required.
LED
A direct LED drive with internal current limit of typically 1 mA operates when the RF600E is transmitting.
Typical Application Circuit Diagram for FM radio modules
8
7
6
5
RF600E
LED
DO
GND
Vcc
2
3
4
1
S1
S2
S3
S0
Sw 1
Serial Data
Output
Vcc
Sw 2
Sw 3
Sw 4
Transmit
LED
2K2
10K
Pull Up Resistor
BC848
RF Transmitte r
Not that a circuit constructed using AM radio modules does not need to have transistor BC848, resistor
10K or 2k2 Pull up resistor fitted.
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com