Electronic Components Datasheet Search
  English  ▼

X  

ET90110ST2 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ET90110ST2
Description  10/100 Mbps Multi Mode Fiber Media Converter ST 2 km
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ET90110ST2 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ET90110ST2 Datasheet HTML 1Page - StarTech.com Ltd. ET90110ST2 Datasheet HTML 2Page - StarTech.com Ltd. ET90110ST2 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Specifications
Warranty
2 Years
PoE
No
WDM
No
Local Unit Connectors
1 - RJ-45 Female
Remote Unit Connectors
1 - Fiber Optic ST Female
Maximum Data Transfer Rate 200 Mbps (Full Duplex Mode)
Max Transfer Distance
2 km (1.2 mi)
Fiber Type
Multi Mode
Wavelength
1310nm
Fiber Operating Mode
Half/Full-Duplex
Auto MDIX
Yes
Color
Black
Enclosure Type
Steel
Product Length
154 mm [6.1 in]
Product Width
87 mm [3.4 in]
Product Height
24 mm [0.9 in]
Product Weight
393 g [13.9 oz]
Power Adapter Included
Yes
Input Voltage
115 ~ 230 AC
Output Voltage
12 DC
Output Current
1A
Center Tip Polarity
Positive
Plug Type
M
Operating Temperature
0°C to 60°C (32°F to 140°F)
Storage Temperature
-10°C to 70°C (14°F to 158°F)
Humidity
10~90% RH
Shipping (Package) Weight 0.8 kg [1.7 lb]
Included in Package
1 - Fiber Media Converter
Included in Package
1 - Universal Power Adapter (NA/UK/EU)
Included in Package
1 - Instruction Manual
Certifications, Reports and Compatibility



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com