Electronic Components Datasheet Search
  English  ▼

X  

2016A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2016A
Description  INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2016A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2016A Datasheet HTML 1Page - List of Unclassifed Manufacturers 2016A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VIP Sensors
California, USA
Ph (949) 429 3558
Fx (949) 528 0126
info@vipsensors.com
www.vipsensors.com
VIP Sensors reserves the right to modify
these specifications without notice. V01
Quality
Innovations
Customer Satisfaction
MODEL
2016A
INTEGRAL ELECTRONICS (IEPE)
PIEZOELECTRIC ACCELEROMETER
• Outstanding Dynamic Range
• Wide Bandwidth
• Low Impedance Output
• Top Connector
• Stud Mounted
Description
The VIP Sensors Model 2016A is a stud mounted piezoelectric accelerometer
designed for general vibration measurement on structures and objects. It features
a high signal-to-noise ratio, a high output sensitivity, and a wide bandwidth. The
accelerometer transmits its low impedance voltage output through the same cable
that supplies the constant current power.
The Model 2016A design is sealed against external contamination. Signal
ground is connected to the outer case of the unit. When used with an isolated
mounting stud, the accelerometer is electrically isolated from ground. The
accelerometer features a 10-32 top connector that is used with coaxial cable for
error-free operation.
VIP Sensors Signal Conditioner Models 5005, 5100 and 5102 are recommended
for use with this low impedance accelerometer.
1 0 - 3 2
0 . 4 6 (
1 1 . 7 )
1 0 - 3 2
in (mm)
Typical Amplitude Response
-5.00
0.00
5.00
10.00
15.00
0
1
10
100
1000
10000
100
FREQUENCY
Typical Temperature Response
-15
-10
-5
0
5
10
15
-50
50
150
250
350
TEMPERATURE °F (°C)
(-46)
(10)
(66)
(121)
(1


Similar Part No. - 2016A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
2016 TUOFENG-2016 Datasheet
2Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
logo
WAGO Kontakttechnik Gmb...
2016-1201 WAGO-2016-1201 Datasheet
979Kb / 18P
2-conductor through terminal block; 16 mm짼; suitable for Ex e II applications
23.11.2021
2016-1202 WAGO-2016-1202 Datasheet
1Mb / 20P
2-conductor through terminal block; 16 mm짼; suitable for Ex e II applications
24.11.2021
2016-1204 WAGO-2016-1204 Datasheet
1Mb / 19P
2-conductor through terminal block; 16 mm짼; for Ex e II and Ex i applications
23.11.2021
2016-1207 WAGO-2016-1207 Datasheet
757Kb / 15P
2-conductor ground terminal block; 16 mm짼; suitable for Ex e II applications
23.11.2021
More results

Similar Description - 2016A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1006A ETC2-1006A Datasheet
57Kb / 2P
PIEZOELECTRIC ACCELEROMETER
2011A ETC2-2011A Datasheet
50Kb / 2P
INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
2012A ETC2-2012A Datasheet
52Kb / 2P
INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
1017A ETC2-1017A Datasheet
52Kb / 2P
PIEZOELECTRIC ACCELEROMETER
1021A ETC2-1021A Datasheet
80Kb / 2P
PIEZOELECTRIC ACCELEROMETER
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
Triaxial Piezoelectric Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
Triaxial Piezoelectric Accelerometer
810M1 TEC-810M1 Datasheet
158Kb / 3P
Piezoelectric Linear Accelerometer
8101 TEC-8101 Datasheet
166Kb / 4P
Piezoelectric Linear Accelerometer
logo
KISTLER INSTRUMENT CORP...
8763B KISTLER-8763B Datasheet
3Mb / 4P
Miniature IEPE Triaxial Accelerometer, with TEDS Option
2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com