Electronic Components Datasheet Search
  English  ▼

X  

925874ESD Datasheet(PDF) 1 Page - KNIPEX

Part # 925874ESD
Description  Universal Tweezers ESD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

925874ESD Datasheet(HTML) 1 Page - KNIPEX

  925874ESD Datasheet HTML 1Page - KNIPEX 925874ESD Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
92 58 74 ESD
Universal Tweezers ESD
DIN EN 61340 -5-1
● Electrically dissipative coating: Universal tweezers in the ESD version
equalize differences in electrical potential between their user and the
workpieces in a controlled manner
● ESD-tested, black epoxy resin coating with a surface resistance
between 10^4 and 10^9 ohms
● For the electronics and precision engineering industries
● Antimagnetic to avoid electromagnetic damage
● Wide range of designs: straight, angled, gripping surfaces and
handles smooth or serrated, with needle points, narrow or blunt tips
● The high quality stainless steel ensures extreme toughness and
very good corrosion resistance against a variety of atmospheric
environments and many corrosive materials
● Also available as a set (92 00 01 ESD)
● Stainless steel
General
Article No.
92 58 74 ESD
EAN
4003773054900
Material
stainless steel
Gripping surfaces
smooth gripping surfaces
Weight
16 g
Dimensions
118 x 10 x 12 mm
Standard
DIN EN 61340 -5-1
Reach
no
RohS
no
Technical details
Tips width (A)
0.3 mm
Tips width (B)
2 mm
Corrosion-resistant
yes
yes
VDE tested
no
sectors
electronics
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 925874ESD

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
925871-1 TEC-925871-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925871-2 TEC-925871-2 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925871-3 TEC-925871-3 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925871-4 TEC-925871-4 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925871-5 TEC-925871-5 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 925874ESD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
General Purpose Tweezers
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
TOL-12572 SPARKFUN-TOL-12572 Datasheet
75Kb / 1P
Tweezers - Curved (cross-lock, ESD Safe)
5??5??7
TOL-12573 SPARKFUN-TOL-12573 Datasheet
68Kb / 1P
Tweezers - Straight (cross-lock, ESD Safe)
5??5??7
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com