Electronic Components Datasheet Search
  English  ▼

X  

LB385DS01 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB385DS01
Description  385MHz SAW Filter 30MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB385DS01 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB385DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB385DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB385DS01 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB385DS01
Rev. Date
2005-6-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
4.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
385MHz SAW Filter
30MHz Bandwidth
Part Number: LB385DS01
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
385
Insertion Loss
dB
13.5
15
1 dB Bandwidth
MHz
30
33.55
3 dB Bandwidth
MHz
35.3
35 dB Bandwidth
MHz
42.1
62
Passband Variation
dB
0.7
1
Ultimate Rejection(f0±35MHz)
dB
35
38
Group Delay Variation
nsec
60
Subatrate Material
YZ
Ambient Temperature
°C
25
Package Size
SMD0705A
(7x5x1.6mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=18nH
L2=15nH
C1=10pF C2=10pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LB385DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB385DS01 SIPAT-LB385DS01 Datasheet
152Kb / 3P
385MHz SAW Filter
More results

Similar Description - LB385DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS26 SIPAT-LB070DS26 Datasheet
142Kb / 3P
70MHz SAW Filter 30MHz Bandwidth
LBN70A57 SIPAT-LBN70A57 Datasheet
143Kb / 3P
70MHz SAW Filter 30MHz Bandwidth
LBT84704 SIPAT-LBT84704 Datasheet
166Kb / 3P
847MHz SAW Filter 30MHz Bandwidth
LBT94502 SIPAT-LBT94502 Datasheet
197Kb / 3P
945MHz SAW Filter 30MHz Bandwidth
LBN22402 SIPAT-LBN22402 Datasheet
118Kb / 3P
224MHz SAW Filter 30MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
415MHz SAW Filter 30MHz Bandwidth
LBT84705 SIPAT-LBT84705 Datasheet
176Kb / 3P
847MHz SAW Filter 30MHz Bandwidth
LBN10012 SIPAT-LBN10012 Datasheet
144Kb / 3P
100MHz SAW Filter 30MHz Bandwidth
LBN22402 SIPAT-LBN22402 Datasheet
118Kb / 3P
224MHz SAW Filter 30MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
415MHz SAW Filter 30MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com