Electronic Components Datasheet Search
  English  ▼

X  

2011A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2011A
Description  INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2011A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2011A Datasheet HTML 1Page - List of Unclassifed Manufacturers 2011A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VIP Sensors
California, USA
Ph (949) 429 3558
Fx (949) 528 0126
info@vipsensors.com
www.vipsensors.com
VIP Sensors reserves the right to modify
these specifications without notice. V01
Quality
Innovations
Customer Satisfaction
MODEL
2011A
INTEGRAL ELECTRONICS (IEPE)
PIEZOELECTRIC ACCELEROMETER
UNITS
DYNAMIC CHARACTERISTICS
Range
g (m/s
2)
250 (2451.7)
Voltage Sensitivity, typical
mV/g (mV/m/s
2)
20 (2.04)
Transverse Sensitivity
%
≤ 5
Frequency Response
See Typical Amplitude Response
Resonance Frequency
Hz
35,000
Amplitude Response
+ 5 %
Hz
1 – 6,000
+ 1 dB
Hz
0.5 – 8,000
Temperature Response
See Typical Temperature Response
Amplitude Linearity
%
< 1
ELECTRICAL CHARACTERISTICS
Output Polarity
Acceleration directed from base into the
transducer defined as positive
Power Source Voltage
(Constant Current)
VDC
+12 to +28
Supply Current
mA
2 to 10
Bias Voltage
VDC
7 +1
Full Scale Output Voltage (peak)
Vp
≤ 5
Output Impedance
Ω
< 100
Noise
mg (mm/s
2)
< 2 (< 19.6)
Grounding
Signal ground connected to case
ENVIRONMENTAL CHARACTERISTICS
Temperature Range
-4
°F to 248°F (-20°C to +120°C)
Humidity
Hermetically sealed, welded construction
Shock Limit
g pk (m/s
2 pk)
3,000
(29,420)
Base Strain
equiv. g /µstrain
0.0006
Magnetic Field Sensitivity
equiv. g rms /gauss
(/T)
2E-5 (2)
Thermal Transient Sensitivity
equiv. g /°C
0.1
PHYSICAL CHARACTERISTICS
Weight
oz (grams)
0.6 (17)
Case Material
Stainless Steel
Mounting
10-32, torque 2 N-m (18 lbf-in)
Piezoelectric Material
PZT-5
Structure
Center Compression
Output Connector
10-32 receptacle, top mounting
ACCESSORIES
Included:
Optional:
9005L10 Coaxial Cable 10-32/BNC, 10ft (3.3 m)
9006L10
Coaxial Cable 10-32/10-32, 10 ft (3.3 m)
9504-8
10-32/10-32 Mounting Stud
9505-8
10-32/10-32 Isolated Mounting Stud
Calibration Sheet
NOTES
1. Short duration shock pulses, such as those generated
by metal-to-metal impacts, may excite transducer
resonance and cause linearity errors.
SPECIFICATIONS
The following performance specifications conform to ISA-RP-37.2 (1964) and are typical values, referenced at +75°F (+24°C) and
100 Hz, unless otherwise noted. Calibration data, traceable to National Institute of Standards and Technology (NIST), is supplied.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com