Electronic Components Datasheet Search
  English  ▼

X  

XPC725 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # XPC725
Description  XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XPC725 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button XPC725 Datasheet HTML 14Page - Renesas Technology Corp XPC725 Datasheet HTML 15Page - Renesas Technology Corp XPC725 Datasheet HTML 16Page - Renesas Technology Corp XPC725 Datasheet HTML 17Page - Renesas Technology Corp XPC725 Datasheet HTML 18Page - Renesas Technology Corp XPC725 Datasheet HTML 19Page - Renesas Technology Corp XPC725 Datasheet HTML 20Page - Renesas Technology Corp XPC725 Datasheet HTML 21Page - Renesas Technology Corp XPC725 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
©2022 Renesas Electronics Corporation
R31DS0067EU0401 February 10, 2022
XP Datasheet
Revision History
Revision Date
Description of Change
February 10, 2022
Updated Output Clock Duty Cycle minimum and maximum specifications for LVDS, LVPECL, HCSL, and CML
in Table 14, Table 15, and Table 16.
July 13, 2021
▪ Updated Ordering Information “Precision” option.
▪ Updated Package Outline Drawings section.
September 21, 2020
Updated ordering code to have I2C (was precision field, which is redundant with temperature field).
July 22, 2019
Updated LVDS Differential Output Voltage minimum from 0.28 to 0.30V.
May 22, 2019
Changed 3.3V, 2.5V, and 1.8V LVPECL current consumption conditions value from 670MHz to 2.1GHz.
April 1, 2019
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com