Electronic Components Datasheet Search
  English  ▼

X  

XPC726 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # XPC726
Description  XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XPC726 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button XPC726 Datasheet HTML 10Page - Renesas Technology Corp XPC726 Datasheet HTML 11Page - Renesas Technology Corp XPC726 Datasheet HTML 12Page - Renesas Technology Corp XPC726 Datasheet HTML 13Page - Renesas Technology Corp XPC726 Datasheet HTML 14Page - Renesas Technology Corp XPC726 Datasheet HTML 15Page - Renesas Technology Corp XPC726 Datasheet HTML 16Page - Renesas Technology Corp XPC726 Datasheet HTML 17Page - Renesas Technology Corp XPC726 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
©2022 Renesas Electronics Corporation
R31DS0067EU0401 February 10, 2022
XP Datasheet
Termination for 2.5V LVPECL Outputs
Figure 8 and Figure 9 show examples of termination for 2.5V LVPECL driver. These terminations are equivalent to terminating 50Ω to
VCCO – 2V. For VCCO = 2.5V, the VCCO – 2V is very close to ground level. The R3 in Figure 9 can be eliminated and the termination is
shown in Figure 10.
Figure 8. 2.5V LVPECL Driver Termination Example
Figure 9. 2.5V LVPECL Driver Termination Example
Figure 10. 2.5V LVPECL Driver Termination Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com