Electronic Components Datasheet Search
  English  ▼

X  

XPC736 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # XPC736
Description  XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XPC736 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button XPC736 Datasheet HTML 2Page - Renesas Technology Corp XPC736 Datasheet HTML 3Page - Renesas Technology Corp XPC736 Datasheet HTML 4Page - Renesas Technology Corp XPC736 Datasheet HTML 5Page - Renesas Technology Corp XPC736 Datasheet HTML 6Page - Renesas Technology Corp XPC736 Datasheet HTML 7Page - Renesas Technology Corp XPC736 Datasheet HTML 8Page - Renesas Technology Corp XPC736 Datasheet HTML 9Page - Renesas Technology Corp XPC736 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
©2022 Renesas Electronics Corporation
R31DS0067EU0401 February 10, 2022
XP Datasheet
Table 8. LVCMOS DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage (OE pin only)
VDD = 3.3V, 2.5V, 1.8V ±5%
0.7 × VDD
—
VDD + 0.3
V
VIL
Input Low Voltage (OE pin only)
VDD = 3.3V, 2.5V, 1.8V ±5%
GND - 0.3
—
0.3 × VDD
V
Table 9. LVDS DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
VDD = 3.3V, 2.5V, 1.8V ±5%
0.30
0.44
0.60
V
VOS
Output Offset Voltage
VDD = 3.3V ±5%
1.11
1.26
1.41
VDD = 2.5V ±5%
1.08
1.25
1.41
VDD = 1.8V ±5%
0.75
0.88
1.01
Table 10. LVPECL DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage
VDD = 3.3V ±5%.
2.28
2.49
2.72
V
VDD = 2.5V ±5%.
1.52
1.69
1.87
VDD = 1.8V ±5%.
0.83
0.96
1.11
VOL
Output Low Voltage
VDD = 3.3V ±5%.
1.68
1.84
2.01
VDD = 2.5V ±5%.
0.92
1.04
1.17
VDD = 1.8V ±5%.
0.19
0.30
0.42
Table 11. HCSL DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage
VDD = 3.3V ±5%.
0.78
0.92
1.07
V
VDD = 2.5V ±5%.
0.74
0.88
1.03
VDD = 1.8V ±5%.
0.67
0.81
0.95
VOL
Output Low Voltage
—
-0.06
0.07
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com