Electronic Components Datasheet Search
  English  ▼

X  

XTP322 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # XTP322
Description  XT Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XTP322 Datasheet(HTML) 1 Page - Renesas Technology Corp

  XTP322 Datasheet HTML 1Page - Renesas Technology Corp XTP322 Datasheet HTML 2Page - Renesas Technology Corp XTP322 Datasheet HTML 3Page - Renesas Technology Corp XTP322 Datasheet HTML 4Page - Renesas Technology Corp XTP322 Datasheet HTML 5Page - Renesas Technology Corp XTP322 Datasheet HTML 6Page - Renesas Technology Corp XTP322 Datasheet HTML 7Page - Renesas Technology Corp XTP322 Datasheet HTML 8Page - Renesas Technology Corp XTP322 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
©2021 Renesas Electronics Corporation
R31DS0007EU0100 April 8, 2021
Description
The XT devices are ultra-low phase noise quartz-based PLL
oscillators supporting a large range of frequencies and output
interface types.
The XT devices can be programmed to generate an output
frequency from 15MHz to 2100MHz with a resolution as low as
1Hz accuracy. The configurability of this family of devices provides
fast delivery times for both sample and large production orders.
Parts may be factory programmed for fixed frequency
applications, or may be field configured using the I2C interface.
Features
▪ Output types: LVDS, LVPECL, CML
• Frequency range: 15MHz to 2100MHz
▪ Output type: HCSL
• Frequency range: 15MHz to 725MHz
▪ Supply voltage options: 1.8V, 2.5V, 3.3V
▪ Phase jitter (12kHz to 20MHz): 135 fs typical
▪ Package options:
• 3.2 × 2.5 × 0.85 mm
▪ Operating temperature and stability:
• -40°C to +85°C, ±3ppm
▪ Frequency stability for life:
• -40°C to +85°C, ±13ppm
Pin Assignments
Figure 1. 3.2 × 2.5 mm Package – Top View
Table 1. Pin Descriptions
1 Pins 7 and 8 are no connect for non-I2C applications.
See Ordering Information for more details.
Pin #
Pin Name
Description
1
OE
Output Enable (0 = output disabled, pulled high internally)
2
NC
No connect
3
GND
Connect to ground
4
OUT0
Output
5
OUT0b
Complementary output
6
VDD
Supply voltage
7
SDA 1
Serial data
8
SCL 1
Serial clock
1
2
34
5
6
NC
OE
OUT0
OUT0b
VDD
GND
8
SCL
7
SDA
XT
Datasheet
XT Family of Ultra-low Phase Noise
Quartz-based PLL Oscillators


Similar Part No. - XTP322

ManufacturerPart #DatasheetDescription
logo
Digi International Inc.
XTP9B-DMM-001 DIGI-XTP9B-DMM-001 Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XTP9B-DMS-001 DIGI-XTP9B-DMS-001 Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XTP9B-DPM-001 DIGI-XTP9B-DPM-001 Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XTP9B-DPM-721 DIGI-XTP9B-DPM-721 Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XTP9B-DPS-001 DIGI-XTP9B-DPS-001 Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
More results

Similar Description - XTP322

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
CVHD-950-54.000 CRYSTEKCRYSTAL-CVHD-950-54.000 Datasheet
385Kb / 3P
CVHD-950 VCXO Ultra-Low Phase Noise Oscillators
CVHD-950-74.1758 CRYSTEKCRYSTAL-CVHD-950-74.1758 Datasheet
385Kb / 3P
CVHD-9501 VCXO Ultra-Low Phase Noise oscillators
logo
Nel Frequency Controls,...
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
RF Micro Devices
UMX-630-D16-G RFMD-UMX-630-D16-G Datasheet
259Kb / 3P
ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com