Electronic Components Datasheet Search
  English  ▼

X  

XTP332 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # XTP332
Description  XT Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XTP332 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button XTP332 Datasheet HTML 6Page - Renesas Technology Corp XTP332 Datasheet HTML 7Page - Renesas Technology Corp XTP332 Datasheet HTML 8Page - Renesas Technology Corp XTP332 Datasheet HTML 9Page - Renesas Technology Corp XTP332 Datasheet HTML 10Page - Renesas Technology Corp XTP332 Datasheet HTML 11Page - Renesas Technology Corp XTP332 Datasheet HTML 12Page - Renesas Technology Corp XTP332 Datasheet HTML 13Page - Renesas Technology Corp XTP332 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
©2021 Renesas Electronics Corporation
R31DS0007EU0100 April 8, 2021
XT Datasheet
Table 16. 1.8V AC Electrical Characteristics
VDD = 1.8V ±5%, TA = -40°C to +85°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum Units
F
Output Frequency Range
LVDS, LVPECL, CML.
15
—
2100
MHz
HCSL.
15
—
725
Frequency Stability
Temperature = -40°C to +85°C.
—
—
±3
PPM
Frequency Tolerance (25°C)
TA = 25°C.
—
—
±2
Aging (1 year)
TA = 25°C.
—
—
±1
Aging (10 years)
TA = 25°C.
—
—
±7
Output Load
LVDS.
Differential.
—
100
—
Ω
LVPECL.
Thevenin equivalent.
—
50
—
HCSL.
To GND.
—
50
—
TST
Start-up Time
Output valid time after VDD meets minimum
specified level.
—
5
—
ms
tR
Output Rise Time
LVDS.
20% – 80%,
312.5MHz
—
300
450
ps
LVPECL.
—
260
450
HCSL.
—
260
450
CML
—
270
450
tF
Output Fall Time
LVDS.
80% – 20%,
312.5MHz
—
280
450
ps
LVPECL.
—
250
450
HCSL.
—
250
450
CML
—
270
450
ODC
Output Clock Duty Cycle
LVDS.
312.5MHz
45
—
55
%
LVPECL.
312.5MHz
45
—
55
HCSL.
312.5MHz
45
—
55
CML
312.5MHz
45
—
55
TOE
Output Enable/Disable Time
—
—
—
1
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com