Electronic Components Datasheet Search
  English  ▼

X  

XTN332 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # XTN332
Description  XT Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XTN332 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button XTN332 Datasheet HTML 7Page - Renesas Technology Corp XTN332 Datasheet HTML 8Page - Renesas Technology Corp XTN332 Datasheet HTML 9Page - Renesas Technology Corp XTN332 Datasheet HTML 10Page - Renesas Technology Corp XTN332 Datasheet HTML 11Page - Renesas Technology Corp XTN332 Datasheet HTML 12Page - Renesas Technology Corp XTN332 Datasheet HTML 13Page - Renesas Technology Corp XTN332 Datasheet HTML 14Page - Renesas Technology Corp XTN332 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
©2021 Renesas Electronics Corporation
R31DS0007EU0100 April 8, 2021
XT Datasheet
Output Phase Noise
Figure 2. 625MHz LVDS Output
Table 17. Phase Jitter Characteristics
VDD = 1.8V, 2.5V, 3.3V ± 5%, TA = -40°C to +85°C.
Symbol
Parameter
Conditions
Typical
(LVPECL)
Typical
(LVDS)
Typical
(CML)
Typical
(HSCL)
Units
fJITTER Phase Jitter (12kHz – 20MHz)
312.50MHz
124
159
131
126
fsec
625.00MHz
130
132
133
131
fsec
644.53MHz
134
137
133
130
fsec
779.215MHz
140
140
139
—
fsec
818.991MHz
143
144
140
—
fsec
822.128MHz
164
167
164
—
fsec
840.759MHz
146
152
151
—
fsec
1588.430MHz
147
144
143
—
fsec
1681.518MHz
156
153
151
—
fsec
1644.256MHz
157
154
155
—
fsec
1637.982MHz
147
148
148
—
fsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com