Electronic Components Datasheet Search
  English  ▼

X  

10MQ040N Datasheet(PDF) 2 Page - International Rectifier

Part # 10MQ040N
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10MQ040N Datasheet(HTML) 2 Page - International Rectifier

  10MQ040N Datasheet HTML 1Page - International Rectifier 10MQ040N Datasheet HTML 2Page - International Rectifier 10MQ040N Datasheet HTML 3Page - International Rectifier 10MQ040N Datasheet HTML 4Page - International Rectifier 10MQ040N Datasheet HTML 5Page - International Rectifier 10MQ040N Datasheet HTML 6Page - International Rectifier 10MQ040N Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
10MQ040N
Bulletin PD-20518 rev. N 0
7/04
2
www.irf.com
V
FM
Max. Forward Voltage Drop
(1)
0.54
V
@ 1A
* See Fig. 1
0.62
V
@ 1.5A
0.49
V
@ 1A
0.56
V
@ 1.5A
I
RM
Max. Reverse Leakage Current (1)
0.5
mA
T
J =
25 °C
* See Fig. 2
26
mA
T
J = 125 °C
V
F(TO) Threshold Voltage
0.36
V
T
J = TJ max.
r
t
Forward Slope Resistance
104
mΩ
C
T
Typical Junction Capacitance
38
pF
V
R = 10VDC, TJ = 25°C, test signal = 1Mhz
L
S
Typical Series Inductance
2.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/µs
(Rated VR)
Part number
10MQ040N
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
40
Voltage Ratings
Absolute Maximum Ratings
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
Parameters
10MQ Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
Max. Junction Temperature Range (*) - 55 to 150
°C
T
stg
Max. Storage Temperature Range
- 55 to 150
°C
R
thJA Max. Thermal Resistance Junction
80
°C/W DC operation
to Ambient
wt
Approximate Weight
0.07(0.002) g (oz.)
Case Style
SMA
Similar D-64
Device Marking
IR1F
Thermal-Mechanical Specifications
Parameters
10MQ Units
Conditions
I
F(AV) Max. Average Forward Current
1.5
A
50% duty cycle @ TL = 123 °C, rectangular wave form.
* See Fig. 4
OnPCboard9mm2 island(.013mmthickcopperpad area)
I
FSM
Max. Peak One Cycle Non-Repetitive
120
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 6
30
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
3.0
mJ
T
J = 25 °C, IAS = 1A, L = 6mH
I
AR
Repetitive Avalanche Current
1.0
A
Parameters
10MQ Units
Conditions
A
Following any rated
load condition and
with rated V
RRM applied
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com