Electronic Components Datasheet Search
  English  ▼

X  

XLL326 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # XLL326
Description  XL Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XLL326 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button XLL326 Datasheet HTML 3Page - Renesas Technology Corp XLL326 Datasheet HTML 4Page - Renesas Technology Corp XLL326 Datasheet HTML 5Page - Renesas Technology Corp XLL326 Datasheet HTML 6Page - Renesas Technology Corp XLL326 Datasheet HTML 7Page - Renesas Technology Corp XLL326 Datasheet HTML 8Page - Renesas Technology Corp XLL326 Datasheet HTML 9Page - Renesas Technology Corp XLL326 Datasheet HTML 10Page - Renesas Technology Corp XLL326 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
©2018-2022 Renesas Electronics Corporation
March 2, 2022
XL Datasheet
DC Electrical Characteristics
Table 7. 3.3V IDD DC Electrical Characteristics
VDD = 3.3V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Units
IDD
Power Supply Current
LVDS
0.75MHz to 40MHz.
-
32
37
mA
40+MHz to 220MHz.
-
40
47
220+MHz to 630MHz.
-
49
57
630+MHz to 1350MHz.
-
72
100
LVPECL[a]
[a] Without termination resistors.
0.75MHz to 40MHz.
-
26
31
40+MHz to 220MHz.
-
38
45
220+MHz to 630MHz.
-
56
64
630+MHz to 1350MHz.
-
96
120
LVCMOS
0.75MHz to 20MHz.
-
27
32
20+MHz to 50MHz.
-
32
35
50+MHz to 130MHz.
-
43
47
130+MHz to 200MHz.
-
48
55
200+MHz to 250MHz.
-
48
60
Table 8. 2.5V IDD DC Electrical Characteristics
VDD = 2.5V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Units
IDD
Power Supply Current
LVDS
0.75MHz to 20MHz.
-
24
26
mA
20+MHz to 220MHz.
-
29
34
220+MHz to 630MHz.
-
36
44
630+MHz to 1000MHz.
-
46
65
LVPECL[a]
[a] Without termination resistors.
0.75MHz to 20MHz.
-
20
33
20+MHz to 220MHz.
-
28
41
220+MHz to 630MHz.
-
41
63
630+MHz to 1000MHz.
-
56
72
LVCMOS
0.75MHz to 20MHz.
-
17
22
20+MHz to 50MHz.
-
23
25
50+MHz to 100MHz.
-
28
29
100+MHz to 130MHz.
-
30
32
130+MHz to 160MHz.
-
32
35
160+MHz to 180MHz.
-
33
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com