Electronic Components Datasheet Search
  English  ▼

X  

TDS595 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDS595
Description  RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDS595 Datasheet(HTML) 5 Page - STMicroelectronics

  TDS595 Datasheet HTML 1Page - STMicroelectronics TDS595 Datasheet HTML 2Page - STMicroelectronics TDS595 Datasheet HTML 3Page - STMicroelectronics TDS595 Datasheet HTML 4Page - STMicroelectronics TDS595 Datasheet HTML 5Page - STMicroelectronics TDS595 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SUPPLY CIRCUIT - CLASS A ADJUSTABLE (per side)
C1, C2, C4,
C5, C6
: 1nF LCC Chip + 10nF LCC Chip
C3
: 100
µF Sprague
C7
: 10
µF Sprague
D1
: 1N 4001
L1, L2
: 5 Turns, 0.5mmWire on 3mm Internal Diameter
P1
: 1k
Ω
R1
: 56
Ω, 1/2W
R2
: 5600
Ω, 1/2W
R3
: 2.2
Ω,3W
R4, R5 : 56
Ω,1W
T1
: BDX 54 B
PHOTOMASTER OF TEST CIRCUIT
SD1732 (TDS595)
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com