Electronic Components Datasheet Search
  English  ▼

X  

LBN76 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN76
Description  SAW Filter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN76 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN76 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
76.965MHz SAW Filter Electrical Characteristic
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
76.915
76.965
77.015
Insertion Loss
dB
18.4
25.0
3 dB Bandwidth
MHz
3.70
3.83
3.95
40 dB Bandwidth
MHz
5.07
5.10
Passband variation
dB
0.9
1.0
Absolute Delay
usec
2.72
Ultimate Rejection
(outside50MHz~70MHz)
dB
50
55
Substrate Material
Y128-X LiNbO3
Ambient Temperature
AC
25
Package Size
DIP3512
(35x12.6x5.2mm
3)
76.965MHz
SAW Filter Typical Performance
70
75
80
85
-90
-80
-70
-60
-50
-40
-30
-20
Type performance
Frequency(MHz)
74
76
78
-32
-30
-28
-26
-24
-22
-20
-18
Frequency(MHz)


Similar Part No. - LBN76

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN76.965 SIPAT-LBN76.965 Datasheet
42Kb / 1P
76.965MHz SAW Filter Electrical Characteristic
LBN7601 SIPAT-LBN7601 Datasheet
105Kb / 1P
SAW Filter Electrical Characteristic
LBN7601 SIPAT-LBN7601 Datasheet
105Kb / 1P
SAW Filter Electrical Characteristic
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
SAW Filter Technical Specification
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
SAW Filter Technical Specification
More results

Similar Description - LBN76

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com