Electronic Components Datasheet Search
  English  ▼

X  

LBN03501 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN03501
Description  SAW Filter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN03501 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN03501 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP-LBN03501 SAW Filter Electrical Characteristic
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
35.275
35.375
35.475
Insertion Loss
dB
25.2
27
3 dB Bandwidth
MHz
7.5
7.76
40 dB Bandwidth
MHz
9.76
9.9
Passband variation
dB
1.0
1.5
Absolute Delay
usec
2.61
Ultimate Rejection
dB
45
50
Substrate Material
128 – LN
Ambient Temperature
°C
25
Package Size
DIP2212
(22.1x12.7x5.2mm
3)
Typical Performance
23.3
26.3
29.3
32.3
35.3
38.3
41.3
44.3
47.3
-105.294
-95.294
-85.294
-75.294
-65.294
-55.294
-45.294
-35.294
-25.294
Type Performance
Frequency(MHz)
Package Outline
Matching Configuration


Similar Part No. - LBN03501

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN03501 SIPAT-LBN03501 Datasheet
57Kb / 1P
SP-LBN03501 SAW Filter Electrical Characteristic
More results

Similar Description - LBN03501

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com