Electronic Components Datasheet Search
  English  ▼

X  

1194000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1194000000
Description  KTB MH 484815 S4E1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1194000000 Datasheet(HTML) 1 Page - Weidmuller

  1194000000 Datasheet HTML 1Page - Weidmuller 1194000000 Datasheet HTML 2Page - Weidmuller 1194000000 Datasheet HTML 3Page - Weidmuller 1194000000 Datasheet HTML 4Page - Weidmuller 1194000000 Datasheet HTML 5Page - Weidmuller 1194000000 Datasheet HTML 6Page - Weidmuller 1194000000 Datasheet HTML 7Page - Weidmuller 1194000000 Datasheet HTML 8Page - Weidmuller 1194000000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data sheet
KTB MH 484815 S4E1
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Similar to illustration
Abbildung ähnlich
The Klippon® TB enclosure range provides excellent per-
formance characteristics, even under the most difficult
environmental conditions. In addition, it complies with the
stricter requirements of potentially explosive atmospheres
found specifically in the process or power generation
industries. The Klippon® TB MH enclosure range offers
further improvements to a product line that is already suc-
cessfully leading the market.
The Klippon® TB MH enclosure range has the following
advantages:
• Available in 22 sizes and 3 standard depths
• Equipped with up to 4 gland plates
• The gasket is protected against compression
• Completely removable padlock tab
• Cover lock outside the sealed zone
• Improved temperature performance
• IP66/IP67 protection
• Completely removable lid – without a tool
• Earthing stud in the cover and base of the enclosure
• Welded mounting feet
• International approvals
General ordering data
 
Version
Klippon TB MH (Terminal Box - Multi Hinge),
Empty enclosure, stainless steel enclosure, Height:
480 mm, Width: 480 mm, Depth: 150 mm, Gland
plates: Bottom, Basic material: Stainless steel
1.4404 (316L), electropolished, silver
Order No.
1195110000
Type
KTB MH 484815 S4E1
GTIN (EAN)
4032248977826
Qty.
1 items
 
 
Creation date 23.02.2026 12:55:00 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1194000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1194000000 WEIDMULLER-1194000000 Datasheet
106Kb / 3P
KTB MOPL 4848 MSZN
More results

Similar Description - 1194000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
Ni-MH
V20HR ETC2-V20HR Datasheet
52Kb / 1P
Ni-MH
logo
SCHOTT CORPORATION
32082 SCHOTT-32082 Datasheet
13Kb / 1P
INDUCTOR, 6 mH
32298 SCHOTT-32298 Datasheet
13Kb / 1P
INDUCTOR, 9 mH INDUCTOR, 9 mH
logo
Rhombus Industries Inc.
T-1397 RHOMBUS-IND-T-1397 Datasheet
23Kb / 1P
Inductance 6.15 mH
8/7/01
T-1398 RHOMBUS-IND-T-1398 Datasheet
24Kb / 1P
Inductance 9.30 mH
8/7/01
logo
List of Unclassifed Man...
MH3101S-8821 ETC2-MH3101S-8821 Datasheet
95Kb / 1P
MH - MODULAR SERIES
logo
MH Connectors, All Righ...
2802-0001-04 MH-2802-0001-04 Datasheet
54Kb / 1P
MH CONNECTORS LTD.
MHCCOVXXSC-BKLG MH-MHCCOVXXSC-BKLG Datasheet
112Kb / 1P
MH CONNECTORS LTD.
MHED-DSXXOF MH-MHED-DSXXOF Datasheet
68Kb / 1P
MH CONNECTORS LTD.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com