Electronic Components Datasheet Search
  English  ▼

X  

CD54HCT240 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT240
Description  High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT240 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HCT240 Datasheet HTML 1Page - Texas Instruments CD54HCT240 Datasheet HTML 2Page - Texas Instruments CD54HCT240 Datasheet HTML 3Page - Texas Instruments CD54HCT240 Datasheet HTML 4Page - Texas Instruments CD54HCT240 Datasheet HTML 5Page - Texas Instruments CD54HCT240 Datasheet HTML 6Page - Texas Instruments CD54HCT240 Datasheet HTML 7Page - Texas Instruments CD54HCT240 Datasheet HTML 8Page - Texas Instruments CD54HCT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDI-
TIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
Data to Outputs
HC240
2
-
-
100
-
-
125
-
-
150
ns
4.5
-
-
20
-
-
25
-
-
30
ns
CL = 15pF
5
-
8
-
-
-
----
ns
CL = 50pF
6
-
-
17
-
-
21
-
-
26
ns
Data to Outputs
HC241
tPLH, tPHL
CL = 50pF
2
-
-
110
-
-
140
-
-
165
ns
4.5
-
-
22
-
-
28
-
-
33
ns
CL = 15pF
5
-
9
-
-
-
----
ns
CL = 50pF
6
-
-
19
-
-
24
-
-
28
ns
Data to Outputs
HC244
tPLH, tPHL
CL = 50pF
2
-
-
110
-
-
140
-
-
165
ns
4.5
-
-
22
-
-
28
-
-
33
ns
CL = 15pF
5
-
9
-
-
-
----
ns
CL = 50pF
6
-
-
19
-
-
24
-
-
28
ns
Output Enable and Disable
Time
tTHL, tTLH
CL = 50pF
2
-
-
150
-
-
190
-
-
225
ns
4.5
-
-
30
-
-
38
-
-
45
ns
5
-
12
-------
ns
6
-
-26-
-33-
-38
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
60
-
-
75
-
-
90
ns
4.5
-
-
12
-
-
15
-
-
18
ns
6
-
-10-
-13-
-15
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
-
10
-
-
10
pF
Three-State Output
Capacitance
CO
CL = 50pF
-
-
-
20
-
-
20
-
-
20
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
HC240
5
-
38
-
-
-
----
pF
HC241
5
-
34
-
-
-
----
pF
HC244
5
-
46
-
-
-
----
pF
HCT TYPES
Propagation Delay
Data to Outputs
HCT240
tPHL, tPLH
CL = 50pF
4.5
-
-
22
-
-
28
-
-
33
ns
CL = 15pF
5
-
9
-
-
-
----
ns
Data to Outputs
HCT241
tPHL, tPLH
CL = 50pF
4.5
-
-
25
-
-
31
-
-
38
ns
CL = 15pF
5
-
10
-
-
-
----
ns
Data to Outputs
HCT244
tPHL, tPLH
CL = 50pF
4.5
-
-
25
-
-
31
-
-
38
ns
CL = 15pF
5
-
10
-
-
-
----
ns
CD54/74HC240, CD54/74HCT240, CD74HC241, CD54/74HCT241, CD54/74HC244, CD54/74HCT244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com